Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903AQM8-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # LM2903AQM8-13
Description  AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2903AQM8-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button LM2903AQM8-13 Datasheet HTML 7Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 8Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 9Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 10Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 11Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 12Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 13Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 14Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM2901Q/LM2901AQ/LM2903Q/LM2903AQ
Document number: DS37814 Rev. 2 - 2
11 of 19
www.diodes.com
June 2016
© Diodes Incorporated
LM2901Q/ LM2901AQ/
LM2903Q/ LM2903AQ
Typical Application Circuit (continued) (VCC = 5.0 VDC)
+
-
V+
Vo
2K
Ω
100K
Ω
200K
Ω
200K
Ω
0.1uF
Crystal Controlled Oscillator
V+
0
CRYSTAL
f = 100KHz
Output Strobing
V+
6.2K
Ω
Vo
+
-
STROBE
INPUT
*Or logic gate without pull-up resistor
*
3K
Ω
OR Gate
V+
f
+
-
200K
Ω
1K
Ω
+0.075V
1K
Ω
100K
Ω
100K
Ω
100K
Ω
A
B
C
0
V+
“0”"1”
t1
t2
1M
Ω
R1
1M
Ω
R2
100K
Ω
80pF
+
-
V+
Vo
15K
Ω
1M
Ω
D2
1N914
Pulse Generator
V+
0
D1
1N914
1M
Ω
+15VDC
60us
6us
t0
* For large ratios of R1/R2, D1 can
be omitted.
3K
Ω
AND Gate
V+
f
+
-
39K
Ω
1K
Ω
+0.375V
1K
Ω
100K
Ω
100K
Ω
100K
Ω
A
B
C
0
V+
“0”"1”
D1
D4
D3
D2
3K
Ω
Large Fan-in AND Gate
V+
Vout
+
-
100K
Ω
100K
Ω
A
B
C
0
V+
“0”"1”
D
10K
Ω


Similar Part No. - LM2903AQM8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2903A DIODES-LM2903A Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903AM8-13 DIODES-LM2903AM8-13 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903AS-13 DIODES-LM2903AS-13 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903ATH-13 DIODES-LM2903ATH-13 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903AVQDR TI1-LM2903AVQDR Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Similar Description - LM2903AQM8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com