Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM544539A-N Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM544539A-N
Description  Complementary MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM544539A-N Datasheet(HTML) 1 Page - ELM Electronics

  ELM544539A-N Datasheet HTML 1Page - ELM Electronics ELM544539A-N Datasheet HTML 2Page - ELM Electronics ELM544539A-N Datasheet HTML 3Page - ELM Electronics ELM544539A-N Datasheet HTML 4Page - ELM Electronics ELM544539A-N Datasheet HTML 5Page - ELM Electronics ELM544539A-N Datasheet HTML 6Page - ELM Electronics ELM544539A-N Datasheet HTML 7Page - ELM Electronics ELM544539A-N Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
ELM544539A-N
8 -
ELM544539A-N uses advanced trench technology
to provide excellent Rds(on) and low gate charge.
• N-channel
Vds=30V, Id=5.0A, Rds(on)=36mΩ(Vgs=10V)
Vds=30V, Id=4.7A, Rds(on)=46mΩ(Vgs=4.5V)
• P-channel
Vds=-30V, Id=-5.4A, Rds(on)=62mΩ(Vgs=-10V)
Vds=-30V, Id=-4.2A, Rds(on)=90mΩ(Vgs=-4.5V)
Parameter
Symbol
N-ch (Max.)
P-ch (Max.)
Unit
Drain-source voltage
Vds
30
-30
V
Gate-source voltage
Vgs
±20
±20
V
Continuous drain current
Ta=25°C
Id
5.4
-5.4
A
Ta=70°C
4.0
-4.2
Pulsed drain current
Idm
20
-30
A
Power dissipation
Tc=25°C
Pd
2.8
2.8
W
Tc=70°C
1.8
1.8
Junction and storage temperature range
Tj,Tstg
-55 to 150
-55 to 150
°C
■General Description
■Features
■Maximum Absolute Ratings
■Thermal Characteristics
Parameter
Symbol
Device
Typ.
Max.
Unit
Maximum junction-to-ambient
Steady-state
Rθja
N-ch
62.5
°C/W
Maximum junction-to-ambient
Steady-state
Rθja
P-ch
62.5
°C/W
S2
G2
D2
S1
G1
D1
Pin No.
Pin name
1
SOURCE1
2
GATE1
3
SOURCE2
4
GATE2
5
DRAIN2
6
DRAIN2
7
DRAIN1
8
DRAIN1
Complementary MOSFET
■Circuit
• N-ch
• P-ch
■Pin configuration
SOP-8(TOP VIEW)
4
3
2
1
5
6
7
8
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM544539A-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM544599A-N ELM-ELM544599A-N Datasheet
2Mb / 8P
   Complementary MOSFET
More results

Similar Description - ELM544539A-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
ELM36601EA-S ELM-TECH-ELM36601EA-S Datasheet
496Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM34601AA-N ELM-ELM34601AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com