Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2901Q Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LM2901Q
Description  AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2901Q Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button LM2901Q Datasheet HTML 2Page - Diodes Incorporated LM2901Q Datasheet HTML 3Page - Diodes Incorporated LM2901Q Datasheet HTML 4Page - Diodes Incorporated LM2901Q Datasheet HTML 5Page - Diodes Incorporated LM2901Q Datasheet HTML 6Page - Diodes Incorporated LM2901Q Datasheet HTML 7Page - Diodes Incorporated LM2901Q Datasheet HTML 8Page - Diodes Incorporated LM2901Q Datasheet HTML 9Page - Diodes Incorporated LM2901Q Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LM2901Q/LM2901AQ/LM2903Q/LM2903AQ
Document number: DS37814 Rev. 2 - 2
6 of 19
www.diodes.com
June 2016
© Diodes Incorporated
LM2901Q/ LM2901AQ/
LM2903Q/ LM2903AQ
Performance Characteristics
0
4
8
12
16
20
24
28
32
36
40
0.0
0.2
0.4
0.6
0.8
1.0
T
A
=+85
OC
T
A
=+125
OC
Output Low State
T
A
=-40
OC
T
A
=+25
OC
LM2903Q/LM2903AQ
Supply Voltage (V)
Supply Current vs. Supply Voltage
0
4
8
12
16
20
24
28
32
36
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
A
=+85
OC
T
A
=+125
OC
Output Low State
T
A
=-40
OC
T
A
=+25
OC
LM2901Q/LM2901AQ
Supply Voltage (V)
Supply Current vs. Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Output Low State
VCC=5.0V
VCC=30V
LM2903Q/LM2903AQ
Supply Voltage (V)
Supply Current vs. Temperature
-40
-25
-10
5
20
35
50
65
80
95
110
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCC=5.0V
VCC=30V
Output Low State
LM2901Q/LM2901AQ
Temperature (
OC)
Supply Current vs. Temperature
0
4
8
12
16
20
24
28
32
36
0
10
20
30
40
50
60
70
80
90
100
T
A
=+85
OC
T
A
=+125
OC
V
CM
=0V
T
A
=-40
OC
T
A
=+25
OC
LM2903Q/LM2903AQ
Supply Voltage (V)
Input Bias Current vs. Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110
125
0
10
20
30
40
50
60
70
80
90
100
LM2903Q/LM2903AQ
VCC=5.0V
V
CM
=0V
Temperature (
OC)
Input Bias Current vs. Temperature


Similar Part No. - LM2901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
logo
Texas Instruments
LM2901QD TI-LM2901QD Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM2901Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com