Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH10H015LPS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH10H015LPS-13
Description  100V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H015LPS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH10H015LPS-13 Datasheet HTML 1Page - Diodes Incorporated DMTH10H015LPS-13 Datasheet HTML 2Page - Diodes Incorporated DMTH10H015LPS-13 Datasheet HTML 3Page - Diodes Incorporated DMTH10H015LPS-13 Datasheet HTML 4Page - Diodes Incorporated DMTH10H015LPS-13 Datasheet HTML 5Page - Diodes Incorporated DMTH10H015LPS-13 Datasheet HTML 6Page - Diodes Incorporated DMTH10H015LPS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH10H015LPS
Document number: DS38713 Rev. 2 - 2
1 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMTH10H015LPS
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI
Product Summary
BVDSS
RDS(ON) Max
ID
TC = +25°C
100V
16
mΩ @ VGS = 10V
44A
18
mΩ @ VGS = 6V
41A
Description
This new generation N-Channel Enhancement Mode MOSFET is
designed to minimize RDS(ON), yet maintain superior switching
performance. This device is ideal for use in notebook battery power
management and loadswitch.
Applications
Motor Control
DC-DC Converters
Power Management
Features
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– Ensures More Reliable
and Robust End Application
High Conversion Efficiency
Low RDS(ON) – Minimizes On-State Losses
Low Input Capacitance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI
®
5060-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH10H015LPS-13
PowerDI5060-8
2,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4
. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
PowerDI5060-8
Pin1
S
D
D
G
D
D
S
S
D
S
G
Green
TH1015LS
S
S
S
G
D
D
D
D
YY WW
=
Manufacturer’s Marking
TH1015LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 16 = 2016)
WW = Week Code (01 to 53)
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - DMTH10H015LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H015LK3 DIODES-DMTH10H015LK3 Datasheet
394Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH10H015LK3 DIODES-DMTH10H015LK3 Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH10H015LK3-13 DIODES-DMTH10H015LK3-13 Datasheet
394Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH10H015LK3-13 DIODES-DMTH10H015LK3-13 Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH10H015LK3 DIODES-DMTH10H015LK3_17 Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH10H015LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH4011SPS DIODES-DMNH4011SPS Datasheet
380Kb / 7P
   40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMN10H099SFGQ DIODES-DMN10H099SFGQ Datasheet
285Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI®
January 2015 Rev. 1 - 2
DMG7410SFGQ DIODES-DMG7410SFGQ Datasheet
509Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
December 2014 Rev. 1 - 2
DMN6069SFG DIODES-DMN6069SFG_16 Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMN6013LFGQ DIODES-DMN6013LFGQ Datasheet
521Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH3002LPS DIODES-DMTH3002LPS Datasheet
642Kb / 7P
   30V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com