Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT10H015LCG-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT10H015LCG-13
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT10H015LCG-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT10H015LCG-13 Datasheet HTML 1Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 2Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 3Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 4Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 5Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 6Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT10H015LCG
Document number: DS38362 Rev. 3 - 2
2 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT10H015LCG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V (Note 6)
Steady
State
TA = +25C
TA = +70C
ID
9.4
7.5
A
Continuous Drain Current, VGS = 10V
Steady
State
TC = +25C
TC = +100C
ID
34
21
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
1.6
A
Pulsed Drain Current (10
s Pulse, Duty Cycle = 1%)
IDM
54
A
Avalanche Current, L = 3mH (Note 8)
IAS
7.5
A
Avalanche Energy, L = 3mH (Note 8)
EAS
85
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
118
°C/W
Total Power Dissipation (Note 6)
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 6)
RJA
59
°C/W
Thermal Resistance, Junction to Case
RJC
4.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
100
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 80V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.4
2
3.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
12.1
15
m
Ω
VGS = 10V, ID = 20A
15
19.5
VGS = 6V, ID = 20A
18.9
26
m
Ω
VGS = 4.5V, ID = 5A
Diode Forward Voltage
VSD
0.9
1.3
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
1871
pF
VDS = 50V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
261
Reverse Transfer Capacitance
Crss
6.9
Gate Resistance
Rg
0.75
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
33.3
nC
VDD = 50V, ID = 10A,
VGS = 10V
Gate-Source Charge
Qgs
6.9
Gate-Drain Charge
Qgd
5.1
Turn-On Delay Time
tD(ON)
6.5
ns
VDD = 50V, VGS = 10V,
ID = 10A, Rg = 6Ω
Turn-On Rise Time
tR
7
Turn-Off Delay Time
tD(OFF)
19.7
Turn-Off Fall Time
tF
8.1
Reverse Recovery Time
tRR
37.9
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
51.9
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT10H015LCG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT10H015LFG DIODES-DMT10H015LFG Datasheet
530Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG DIODES-DMT10H015LFG Datasheet
535Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG-13 DIODES-DMT10H015LFG-13 Datasheet
530Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG-13 DIODES-DMT10H015LFG-13 Datasheet
535Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG-7 DIODES-DMT10H015LFG-7 Datasheet
530Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT10H015LCG-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com