Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33493 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33493
Description  PLL tuned UHF Transmitter for Data Transfer Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33493 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33493 Datasheet HTML 5Page - Motorola, Inc MC33493 Datasheet HTML 6Page - Motorola, Inc MC33493 Datasheet HTML 7Page - Motorola, Inc MC33493 Datasheet HTML 8Page - Motorola, Inc MC33493 Datasheet HTML 9Page - Motorola, Inc MC33493 Datasheet HTML 10Page - Motorola, Inc MC33493 Datasheet HTML 11Page - Motorola, Inc MC33493 Datasheet HTML 12Page - Motorola, Inc MC33493 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ELECTRICAL CHARACTERISTICS
MOTOROLA
MC33493 Technical Data
9
2.30
Phase Noise
315 & 434MHz bands,
±175kHz from fcarrier
--75
-68
dBc/
Hz
2.31
868MHz band,
±175kHz from fcarrier
--73
-66
dBc/
Hz
2.32
PLL Lock-in Time,
tPLL_lock_in
fcarrier within 30kHz from the final value,
crystal series resistor=150
-
400
1600
µs
2.33
XTAL1 Input Capacitance
-
1
-
pF
2.34
Crystal Resistance
OOK modulation
-
20
200
2.44
FSK modulation
20
50
2.35
OOK Modulation Depth
75
90
-
dBc
2.36
FSK Modulation
Carrier Frequency
Total Deviation
315 & 434MHz bands, see note 1
-
-
100
kHz
2.37
868MHz band, see note 1
-
-
200
kHz
2.38
CFSK Output Resistance
MODE=0, DATA=x
MODE=1, DATA=0
50
70
-
k
2.39
MODE=1, DATA=1
-
90
300
2.43
CFSK Output Capacitance
-
1
-
pF
2.40
Data Rate
Manchester coding
-
-
10
kBit/s
2.41
Data to RF delay difference
between falling and rising edges,
tdelay_difference
MODE=0, see note 2
3.5
5.25
7.5
µs
2.42
MODE=1, see note 2
-200
-
200
ns
Note 1: This parameter is depending on crystal characteristics, load capacitor values (see Table 6) and PCB
track capacitance.
Note 2: Delay difference definition
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, voltage range Vcc=[Vshutdown;3.6V], temperature range TA=[-40°C;+125°C],
Rext=12kΩ+/-5%, RF output frequency fcarrier=433.92MHz, reference frequency freference=13.560MHz, output
load RL=50Ω+/-1% (figure 9). Values refer to the circuit shown in the recommended application schematics:
figure 12 (14) for OOK (FSK) modulation. Typical values reflect average measurement at VCC=3V, TA=25°C.
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
Input data
Demodulated data
tdelay_rise
tdelay_fall
From 50% of data edge to corresponding
tdelay_difference=tdelay_fall-tdelay_rise
demodulated signal envelope edge:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33493

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
logo
Freescale Semiconductor...
MC33493A FREESCALE-MC33493A Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
NXP Semiconductors
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Freescale Semiconductor...
MC33493ADTB FREESCALE-MC33493ADTB Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
More results

Similar Description - MC33493

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493DTBR2 FREESCALE-MC33493DTBR2 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493A FREESCALE-MC33493A Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com