Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9004FX-XX Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 9004FX-XX
Description  Modular Industrial Switchwww
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

9004FX-XX Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  9004FX-XX Datasheet HTML 1Page - Red Lion Controls. Inc 9004FX-XX Datasheet HTML 2Page - Red Lion Controls. Inc 9004FX-XX Datasheet HTML 3Page - Red Lion Controls. Inc 9004FX-XX Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7900 Series Modular Industrial Ethernet Switch
N-Tron Networking Series
Modular Industrial Switch
www.n-tron.com
INDUSTRIAL ETHERNET SERIES
REMOTE MONITORING OPTIONS
Web browser and N-View OPC (OLE for process control) server so�ware
provides configuration and monitoring capability. N-View software
easily combines with HMI so�ware to monitor network traffic, alarms
and trends. SNMP is also available for switch link and status monitoring.
Status LEDs are congurable to indicate power failure and N-Ring status.
N-RING TECHNOLOGY
Advanced N-Ring technology provides expanded capacity, detailed fault
diagnos�cs and fast ~30ms healing �mes in rings composed of N-Tron fully
managed switches. The integrity of the N-Ring is con�nually monitored for
error condi�ons. If a fault is detected, the ring converts to a daisy chain
topology and restores communica�ons within ~30ms. For convenience,
users can easily access a detailed ring map and fault loca�on chart through
the ring manager's browser or the OPC server. Each N-Ring accommodates
up to 250 fully-managed N-Tron switches. N-Link easily connects mul�ple
rings, crea�ng addi�onal pathways to cri�cal applica�ons and increasing
overall network resiliency.
INDUSTRIAL SPECIFICATIONS
Standard industrial product features include high MTBF, extended shock
and vibra�on specica�ons, redundant power inputs and a wide opera�ng
temperature range.
EASE OF USE
N-Tron's auto sensing capabilities allow all 10/100BaseTX ports to
automa�cally nego�ate maximum speed and performance but can also
be hard coded using the user interface. A high-speed processor enables
simultaneous wire speed capability on all 100BaseTX ports.
The N-Tron® 7900 Industrial Ethernet Modular Switch is designed to
deliver op�mum performance with maximum network versa�lity. Its
exible modular format allows customiza�on with a variety of ber and
copper port modules. As the network evolves, port congura�ons can
easily be changed to adapt to new communica�on requirements. The
fully managed series is ideal for manufacturing, u�li�es, transporta�on,
energy generation, wastewater and other extreme networking
environments that demand high reliability, superior noise immunity and
support across extended distances.
PRODUCT FEATURES
• 4 slot modular switch
• Requires 2 SFP gigabit CPU module (transceivers sold separately)
• Available modules (transceivers sold separately):
- 2 port 100BaseFX ber module
- 4 port 100BaseFX ber module
- 6 port 10/100BaseTX copper module
• -20oC to 70oC opera�ng temperature
• Onboard temperature sensor
• ESD and surge protec�on diodes on all copper ports
• Auto sensing 10/100BaseTX, duplex and MDIX
• Store-and-forward technology
• Rugged DIN-rail enclosure
• Redundant power inputs (10-30 VDC)
• Congurable bi-color fault status LEDs
FULLY MANAGED FEATURES
• SNMP v1, v2, v3 and web browser management
• EtherNet/IPCIP Messaging
• Congura�on backup via op�onal SD card (order NTCD-128)
• Detailed ring map and fault loca�on char�ng
• N-RingTechnology with ~30ms healing
• N-LinkRedundant N-Ring Coupling
• N-ViewOPC monitoring
• RSTP - 802.1d, 802.1w, 802.1D
• IGMP auto congura�on
• 802.1Q tagged VLAN and port VLAN
• 802.1p QoS, port QoS and DSCP
• LLDP (Link Layer Discovery Protocol)
• DHCP Server, Op�on 82 relay, Op�on 61, IP Fallback
• Port mirroring and trunking
• Local Port IP Addressing
• Port Security—MAC Address Based
N-Tron Ethernet Series
Fully Managed Industrial Switch
www.n-tron.com
INDUSTRIAL ETHERNET SERIES
REMOTE MONITORING OPTIONS
Web browser and N-View OPC (OLE for process control) server so�ware
provides configuration and monitoring capability. N-View software
easily combines with HMI so�ware to monitor network traffic, alarms
and trends. SNMP is also available for switch link and status monitoring.
Status LEDs are congurable to indicate power failure and N-Ring status.
N-RING TECHNOLOGY
Advanced N-Ring technology provides expanded capacity, detailed fault
diagnos�cs and fast ~30ms healing �mes in rings composed of N-Tron fully
managed switches. The integrity of the N-Ring is con�nually monitored for
error condi�ons. If a fault is detected, the ring converts to a daisy chain
topology and restores communica�ons within ~30ms. For convenience,
users can easily access a detailed ring map and fault loca�on chart through
the ring manager's browser or the OPC server. Each N-Ring accommodates
up to 250 fully-managed N-Tron switches. N-Link easily connects mul�ple
rings, crea�ng addi�onal pathways to cri�cal applica�ons and increasing
overall network resiliency.
INDUSTRIAL SPECIFICATIONS
Standard industrial product features include high MTBF, extended shock
and vibra�on specica�ons, redundant power inputs and a wide opera�ng
temperature range.
EASE OF USE
N-Tron's auto sensing capabilities allow all 10/100BaseTX ports to
automa�cally nego�ate maximum speed and performance but can also
be hard coded using the user interface. A high-speed processor enables
simultaneous wire speed capability on all 100BaseTX ports.
The N-Tron® 7900 Industrial Ethernet Modular Switch is designed to
deliver op�mum performance with maximum network versa�lity. Its
exible modular format allows customiza�on with a variety of ber and
copper port modules. As the network evolves, port congura�ons can
easily be changed to adapt to new communica�on requirements. The
fully managed series is ideal for manufacturing, u�li�es, transporta�on,
energy generation, wastewater and other extreme networking
environments that demand high reliability, superior noise immunity and
support across extended distances.
PRODUCT FEATURES
• 4 slot modular switch
• Requires 2 SFP gigabit CPU module (transceivers sold separately)
• Available modules (transceivers sold separately):
- 2 port 100BaseFX ber module
- 4 port 100BaseFX ber module
- 6 port 10/100BaseTX copper module
• -20oC to 70oC opera�ng temperature
• Onboard temperature sensor
• ESD and surge protec�on diodes on all copper ports
• Auto sensing 10/100BaseTX, duplex and MDIX
• Store-and-forward technology
• Rugged DIN-rail enclosure
• Redundant power inputs (10-30 VDC)
• Congurable bi-color fault status LEDs
FULLY MANAGED FEATURES
• SNMP v1, v2, v3 and web browser management
• EtherNet/IPCIP Messaging
• Congura�on backup via op�onal SD card (order NTCD-128)
• Detailed ring map and fault loca�on char�ng
• N-RingTechnology with ~30ms healing
• N-LinkRedundant N-Ring Coupling
• N-ViewOPC monitoring
• RSTP - 802.1d, 802.1w, 802.1D
• IGMP auto congura�on
• 802.1Q tagged VLAN and port VLAN
• 802.1p QoS, port QoS and DSCP
• LLDP (Link Layer Discovery Protocol)
• DHCP Server, Op�on 82 relay, Op�on 61, IP Fallback
• Port mirroring and trunking
• Local Port IP Addressing
• Port Security—MAC Address Based
N-Tron Ethernet Series
Fully Managed Industrial Switch
www.n-tron.com
INDUSTRIAL ETHERNET SERIES
REMOTE MONITORING OPTIONS
Web browser and N-View OPC (OLE for process control) server so�ware
provides configuration and monitoring capability. N-View software
easily combines with HMI so�ware to monitor network traffic, alarms
and trends. SNMP is also available for switch link and status monitoring.
Status LEDs are congurable to indicate power failure and N-Ring status.
N-RING TECHNOLOGY
Advanced N-Ring technology provides expanded capacity, detailed fault
diagnos�cs and fast ~30ms healing �mes in rings composed of N-Tron fully
managed switches. The integrity of the N-Ring is con�nually monitored for
error condi�ons. If a fault is detected, the ring converts to a daisy chain
topology and restores communica�ons within ~30ms. For convenience,
users can easily access a detailed ring map and fault loca�on chart through
the ring manager's browser or the OPC server. Each N-Ring accommodates
up to 250 fully-managed N-Tron switches. N-Link easily connects mul�ple
rings, crea�ng addi�onal pathways to cri�cal applica�ons and increasing
overall network resiliency.
INDUSTRIAL SPECIFICATIONS
Standard industrial product features include high MTBF, extended shock
and vibra�on specica�ons, redundant power inputs and a wide opera�ng
temperature range.
EASE OF USE
N-Tron's auto sensing capabilities allow all 10/100BaseTX ports to
automa�cally nego�ate maximum speed and performance but can also
be hard coded using the user interface. A high-speed processor enables
simultaneous wire speed capability on all 100BaseTX ports.
The N-Tron® 7900 Industrial Ethernet Modular Switch is designed to
deliver op�mum performance with maximum network versa�lity. Its
exible modular format allows customiza�on with a variety of ber and
copper port modules. As the network evolves, port congura�ons can
easily be changed to adapt to new communica�on requirements. The
fully managed series is ideal for manufacturing, u�li�es, transporta�on,
energy generation, wastewater and other extreme networking
environments that demand high reliability, superior noise immunity and
support across extended distances.
PRODUCT FEATURES
• 4 slot modular switch
• Requires 2 SFP gigabit CPU module (transceivers sold separately)
• Available modules (transceivers sold separately):
- 2 port 100BaseFX ber module
- 4 port 100BaseFX ber module
- 6 port 10/100BaseTX copper module
• -20oC to 70oC opera�ng temperature
• Onboard temperature sensor
• ESD and surge protec�on diodes on all copper ports
• Auto sensing 10/100BaseTX, duplex and MDIX
• Store-and-forward technology
• Rugged DIN-rail enclosure
• Redundant power inputs (10-30 VDC)
• Congurable bi-color fault status LEDs
FULLY MANAGED FEATURES
• SNMP v1, v2, v3 and web browser management
• EtherNet/IPCIP Messaging
• Congura�on backup via op�onal SD card (order NTCD-128)
• Detailed ring map and fault loca�on char�ng
• N-RingTechnology with ~30ms healing
• N-LinkRedundant N-Ring Coupling
• N-ViewOPC monitoring
• RSTP - 802.1d, 802.1w, 802.1D
• IGMP auto congura�on
• 802.1Q tagged VLAN and port VLAN
• 802.1p QoS, port QoS and DSCP
• LLDP (Link Layer Discovery Protocol)
• DHCP Server, Op�on 82 relay, Op�on 61, IP Fallback
• Port mirroring and trunking
• Local Port IP Addressing
• Port Security—MAC Address Based
N-Tron Ethernet Series
Fully Managed Industrial Switch


Similar Part No. - 9004FX-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9004FC ETC1-9004FC Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
9004FM ETC1-9004FM Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
More results

Similar Description - 9004FX-XX

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KSM-SD DFI-KSM-SD Datasheet
1Mb / 6P
   Modular-Designed Industrial Panel PC
KSM-AL DFI-KSM-AL Datasheet
1Mb / 9P
   Modular-Designed Industrial Panel PC
KSM-KH DFI-KSM-KH Datasheet
1Mb / 6P
   Modular-Designed Industrial Panel PC
logo
Advantech Co., Ltd.
FPM-7002 ADVANTECH-FPM-7002 Datasheet
442Kb / 2P
   Modular Industrial Monitors with 12
19-May-2020
logo
3M Electronics
3R108 3M-3R108 Datasheet
1Mb / 2P
   3M Industrial RJ45 Modular Plug
logo
Power System Technology
PST13 PST-PST13 Datasheet
226Kb / 4P
   Modular power supply for industrial & railways
logo
Advantech Co., Ltd.
TPC-2000 ADVANTECH-TPC-2000 Datasheet
607Kb / 2P
   Modular Industrial Thin-Client Panel Computer
5-Jan-2021
ESRP-PCS-ADAM3600 ADVANTECH-ESRP-PCS-ADAM3600_V01 Datasheet
810Kb / 2P
   Cloud-Enabled Modular DAQ Platform for Industrial IoT
logo
List of Unclassifed Man...
E100502 ETC2-E100502 Datasheet
97Kb / 3P
   Connectors - DataTuff짰 Industrial Modular Jack Cat5e FTP, IP67
logo
STMicroelectronics
STEVAL-IDP003V1 STMICROELECTRONICS-STEVAL-IDP003V1 Datasheet
402Kb / 10P
   IO-Link industrial modular sensor board based on L6362A
October 2017 Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com