Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7506GX2 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 7506GX2
Description  Managed Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

7506GX2 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  7506GX2 Datasheet HTML 1Page - Red Lion Controls. Inc 7506GX2 Datasheet HTML 2Page - Red Lion Controls. Inc 7506GX2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7506GX2 Specifications
REV 100408
7506GX2 Specifications
Switch Properties
Number of MAC Addresses: 4000
Aging Time:
Programmable
Latency Typical:
1.6 μs
Switching Method:
Store-and-Forward
Case Dimensions
Height:
3.8"
(9.6cm)
Width:
2.0"
(5.1cm)
Depth:
3.9"
(9.9cm)
Weight (max):
1.1lbs (0.48kg)
DIN-Rail Mount:
35mm
Electrical
Redundant Input Voltage:
10-49 VDC (Regulated)
Input Current (max):
440mA max.@24VDC
BTU/hr:
36@24VDC
N-TRON Power Supply:
NTPS-24-1.3 (1.3A@24V)
Environmental
Operating Temperature:
-40oC to 80oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
5% to 95%
(Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200g @ 10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Recommended Wiring Clearance
Front:
4"
(10.16 cm)
Top:
1"
(2.54 cm)
Network Media
10BaseT:
>Cat3 Cable
100BaseTX:
>Cat5 Cable
1000BaseT:
>Cat5e Cable
Connectors
10/100/1000BaseT(X):Four (4) RJ-45 Copper Ports
1000BaseT:
Up to Two (2) RJ-45 Gigabit
Copper Ports (optional)
1000BaseSX/LX:
Up to Two (2) LC Duplex Gigabit
Fiber Ports (optional)
Regulatory Approvals
FCC Title 47, Part 15, Subpart B - Class A;
ICES-003 - Class A
UL /cUL: Class I, Div 2, Groups A, B, C, D and T4
ANSI/ISA 12.12.01-2007
CE: EN61000-6-2:2001; EN61000-6-4:2007
EN61000-4-2, 3, 4, 5, 6
GOST-R Certied, RoHS Compliant
Designed to comply with:
IEEE 1613 for Electric Utility Substations
NEMA TS1/ TS2 for Trafc control
THE INDUSTRIAL NETWORK COMPANY
® 2010 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Product names mentioned herein are for identification purposes only and may be
trademarks and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of N-TRON
products rests with the end user. N-TRON makes no warranties as to the fitness or suitability of any N-TRON product for any specific application. N-TRON Corporation shall not
be liable for any damage resulting from the installation, use, or misuse of this product. Printed in USA.
Contact Information
N-TRON Corp.
N-TRON Asia
N-TRON Europe GmbH
820 S. University Blvd., Suite 4E
Suite #: 2267, 22/F, One Lujiazui
Alte Steinhauserstr 19
Mobile, AL 36609 USA
68 Yin Cheng Road Center,
6330 Cham / Zg Switzerland
TEL: (251) 342-2164
Pudong New Area
TEL: +41 41 7406636
FAX: (251) 342-6353
200120 Shanghai, P.R. China
FAX: +41 41 7406637
Website: www.N-TRON.com
Phone: +86 (0) 21 6194 6777
Email: N-TRON_info@N-TRON.com
Fax: +86 (0) 21 6194 6699
Fiber Length
550m for 50/125μm
275m for 62.5/125μm*
10km**
40km**
80km**
TX Power Min
-9.5dBm
-9.5dBm
-2dBm
0dBm
RX Sensitivity Max
-17dBm
-20dBm
-22dBm
-24dBm
Wavelength
850nm
1310nm
1310nm
1550nm
Assumed Fiber Loss
3.5 to 3.75 dB/km
0.45 dB/km 0.35 dB/km 0.25 dB/km
Laser Type
VCSEL
FP
DFB
DFB
SFP Gigabit Fiber Transceiver Characteristics
* SX Fiber Optic Cable
** LX Fiber Optic Cable


Similar Part No. - 7506GX2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
7506 COOPER-7506 Datasheet
3Mb / 81P
   Locking Devices
logo
Bourns Electronic Solut...
7506-RC BOURNS-7506-RC Datasheet
89Kb / 1P
   Common Mode Inductors/EMI Filters
logo
EnOcean GmbH.
75060R-30 ENOCEAN-75060R-30 Datasheet
508Kb / 2P
   USB DIN Modules
DS-18003 rev 09/22
75060R-40 ENOCEAN-75060R-40 Datasheet
508Kb / 2P
   USB DIN Modules
DS-18003 rev 09/22
logo
Tyco Electronics
750644-1 MACOM-750644-1 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 7506GX2

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
   Managed Industrial Ethernet Switch
7010TX REDLION-7010TX Datasheet
804Kb / 3P
   Managed Industrial Ethernet Switch
716FX2 REDLION-716FX2 Datasheet
607Kb / 3P
   Managed Industrial Ethernet Switch
714FX6 REDLION-714FX6 Datasheet
426Kb / 3P
   Managed Industrial Ethernet Switch
712FX4 REDLION-712FX4 Datasheet
467Kb / 3P
   Managed Industrial Ethernet Switch
709FX-HV REDLION-709FX-HV Datasheet
352Kb / 3P
   Managed Industrial Ethernet Switch
709FX REDLION-709FX Datasheet
401Kb / 3P
   Managed Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
   Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
   Managed Industrial Ethernet Switch
7018TX REDLION-7018TX Datasheet
828Kb / 3P
   Managed Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com