Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33399 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33399
Description  Automotive Local Interconnect Network Physical Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33399 Datasheet(HTML) 3 Page - Motorola, Inc

  MC33399 Datasheet HTML 1Page - Motorola, Inc MC33399 Datasheet HTML 2Page - Motorola, Inc MC33399 Datasheet HTML 3Page - Motorola, Inc MC33399 Datasheet HTML 4Page - Motorola, Inc MC33399 Datasheet HTML 5Page - Motorola, Inc MC33399 Datasheet HTML 6Page - Motorola, Inc MC33399 Datasheet HTML 7Page - Motorola, Inc MC33399 Datasheet HTML 8Page - Motorola, Inc MC33399 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC33399
Automotive “Local Interconnect Network” Physical Interface
3
Pull-up Current Source
Is
-50
-25
uA
1v <V(Tx) < 4v
Enable Input Pin (Logic)
Low Level Voltage Input
Vil
1.5
V
High Level Voltage Input
Vih
3.5
V
Input Threshold Hysteresis
Vinhyst
50
400
mV
Low Level Input Current (Vin 1V)
Iil
10
20
uA
High Level Input Current (Vin = 4V)
Iih
20
40
uA
Pull-down Current
Idw
20
uA
1V<EN<4V
LIN Bus Pin (Voltage Expressed versus Vsup Voltage)
Low Level Voltage (Tx low, Iout =40mA)
Vlin-low
0
1.4
V
Dominant state
High Level Voltage (Tx high, Iout = 10uA)
Vlin-high
VSUP-1V
V
Recessive state
Pull up Resistor to Vsup (NOTE 1)
Ipu
20
30
40
kohms
Current Limitation (Tx low, LIN = Vsup)
Ilim
50
200
mA
Leakage Current to GND (NOTE 1)
Ileak1
0
10
uA
Recessive state, Vlin from
Vsup-0.5V to +VBAT
Leakage Current to GND,
Vsup Disconnected
Ileak2
-40
40
uA
Vsup disconnected
Vlin from -18 to +18V
Excluding internal pull up
source
Leakage Current to GND,
Vsup Disconnected
VLin at -18V
Ileak3
-600
uA
Vsup disconnected
Vlin from -18V
Including internal pull up
source
Leakage Current to GND
Vsup Disconnected
VLin at +18V
Ileak4
25
uA
Vsup disconnected
Vlin from +18V
Including internal pull up source
Lin Receiver Vil (Tx high, Rx low)
Lin-vil
0
0.4VSUP
Lin Receiver Vih (Tx high, Rx high)
Lin-vih
0.6 VSUP
VSUP
LIN Receiver Threshold
Vsup/2
V
LIN Receiver Input Hysteresis
LIN hyst
0.05VSUP
0.1 VSUP
V
Inhibit Output Pin
High Level Voltage
Vwuh
VSUP-0.8
VSUP
V
Normal mode
Leakage Current
Ileak
0
5
uA
Sleep mode
0<Vinh <Vsup
WAKE Pin
Typical Wake Up Threshold (EN = 0V),
High to Low Transition, VSUP=7V to 18V.
NOTE 2.
Wuthreshl
0.44 VSUP
V
Typical Wake Up Threshold (EN = 0V),
Low To High Transition, VSUP=7V to 18V.
NOTE 2.
Wuthreslh
0.57 VSUP
V
Wake Up Threshold Hysteresis
Wuhyst
500
mV
Wake Up Threshold, High to Low
Transition at VSUP=12V
Wuhl
3.6
6.5
V
Wake Up Threshold, Low To High
Transition at VSUP=12V
Wulh
6.2
7.5
V
Wake Input Current (V<14V)
Win1
tbd
20
µA
V<14V
Wake Input Current (V>14V)
Win2
100
µA
V<27V
NOTE:
1: A diode structure is inserted with the pull resistor to avoid parasitic current path from LIN to Vsup
2. When VSUP is greater than 18V, the wake up thresholds remain identical to the wake up thresholds at 18V
ELECTRICAL CHARACTERISTICS ( VSUP = FROM 7 TO 18V, and T
J FROM -40 TO 150°C UNLESS OTHERWISE NOTED)
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33399

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33399D FREESCALE-MC33399D Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
MC33399DR2 FREESCALE-MC33399DR2 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399PEF NXP-MC33399PEF Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results

Similar Description - MC33399

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
STMicroelectronics
AN3258 STMICROELECTRONICS-AN3258 Datasheet
180Kb / 16P
   Local interconnect network
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
logo
Texas Instruments
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1028-Q1 TI1-TLIN1028-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
TLIN2441-Q1 TI1-TLIN2441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN1441-Q1 TI1-TLIN1441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com