Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCOPPER-SFP-100 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # FCOPPER-SFP-100
Description  ExtremeLine Managed Industrial Connectivity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

FCOPPER-SFP-100 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  FCOPPER-SFP-100 Datasheet HTML 1Page - Red Lion Controls. Inc FCOPPER-SFP-100 Datasheet HTML 2Page - Red Lion Controls. Inc FCOPPER-SFP-100 Datasheet HTML 3Page - Red Lion Controls. Inc FCOPPER-SFP-100 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EL212F Specifications
SPECIFICATIONS
Ethernet Performance
• 12 total Ethernet ports (8 + 4G)
• 12 SFP ports for a mix of copper or fiber
• 4 Gigabit with 2 SFP ports and 2 RJ45/SFP combo ports
• RJ45 ports: auto-negotiation (speed/duplex) and auto-crossover
• Non-blocking, store and forward, wire-speed
• Switching capacity and forwarding rate: 12.8 Gbps/9.5 Mpps
• Jumbo frame: 10K on Gigabit ports
• Ethernet isolation: 1500 Vrms 1 minute
Switching Features
• Flow control: IEEE 802.3x (Full Duplex) and Back-Pressure
(Half Duplex)
• Spanning Tree Protocol (STP per IEEE 802.1D) plus
– IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
– IEEE 802.1s Multiple Spanning Tree Protocol (MSTP)
– BPDU forwarding and filtering
• Real-Time-Ring for high-speed, fault-tolerant rings
– Link loss recovery: 50ms/hop
– Switches in ring: <50 for best performance
– Multiple rings are supported (4 per switch)
• Virtual Local Area Networks (VLANs)
– 802.1Q tag-based with 256 VLANs and 4K VLAN ID
– 802.1v protocol and port-based VLAN
– Voice and Private VLAN
– GVRP and Q-in-Q (double tagging)
• Link Aggregation Control Protocol (LACP per IEEE 802.3ad)
– Static trunk (8 trunks and up to 8 ports per trunk)
– Traffic load balancing
• Internet Group Management Protocol (IGMP)
– IGMP v1, v2 and v3 with up to 255 multicast groups
– IGMP snooping and querying
– Immediate leave and leave proxy
– Throttling and filtering
• Multicast VLAN Registration (MVR)
• IEEE 802.1ab Link layer Discovery Protocol (LLDP)
• Quality of Service (QoS) with 4 priority queues
– Scheduling schemes: WRR and Strict priority
– CoS per IEEE 802.1p and IP DSCP-based
– DiffServ (DS): ingress, egress and remarking
• Rate limiting (ingress and egress)
– 64Kbps to 100/1000 Mbps
– Per port CoS
Security
• Enable/disable ports
• Port security (MAC-based): static and dynamic
• DHCP Snooping and Option 82
• IP Source Guard
• IEEE 802.1X Network Access Control
– Port-based with single or multiple host mode
– Authentication: EAP-MD5, PEAP, TLS, TTLS
– MAC and web authentication
– Guest VLAN and Auto VLAN assignment
• RADIUS and TACACS+ AAA
– Authentication, Accounting and Authorization
– 5 servers for RADIUS, 1 server for TACACS+
– Encryption: MD5, TLS, TTLS, TACACS+ AAA/3.0
• Access Control List (ACL)
– IP and MAC-based
– VLAN and TCP/UDP port
• Storm Control for broadcast and multicast messages
• HTTPS/SSL for secure Web access
• SSH v1.5/2.0 for secure Telnet access
• SNMPv3 authentication and encryption
• Username and password authentication
• Management access filtering
All specifications are subject to change. Contact Sixnet to learn more.
Management & Monitoring
• IP Address assignment: Static, DHCP and BOOTP
• CLI (Command Line Interface) via console or Telnet
• Web interface (HTTP/HTTPS/SSL)
• SNMP v1, v2, v3 (Simple Network Management Protocol)
• SNMP Traps for event notification
• RMON I (Remote Monitoring): Groups 1, 2, 3 and 9
• sFlow network-wide traffi c monitoring
• Dual firmware update system
• Configuration download and upload
• Software upgrade via TFTP
• Port mirroring
• Event/Error/System log
– Local flash
– Remote server via system log (Syslog RFC 3164)
– SMTP (RFC 821) email alarming
• Network Time Protocol for time synchronization
– SNTP (RFC 2030) and NTP (RFC 1305)
• DNS (Domain Name Server) client
• Universal Plug and Play (UPnP)
• IEEE 802.3ah OAM (Operational Administration Maintenance)
• Banner commands
Power Input & Alarm Output
• Dual-redundant internal power input option
• Locking screw block
• Power input options:
+/- 24-48 VDC (D option, Class 2 Source) (absolute min & max): +/- 18-75 VDC
+/-1 10-250 VDC or 100-240 VAC (50/60 Hz)(A option) (absolute min &
max): +/- 90-300 VDC or 85-264 VAC
• Power consumption: 15 Watts typ. with all ports linked
• Protection: current overload and reverse polarity
• Alarm output: form-C relay (NO and NC contacts)
– Max. voltage: 250 VAC, 30 VDC
– Max. current: 2A @ 30 VDC or 250 VAC
Mechanical
• DIN-rail mounting standard
• Direct panel mounting optional
• Ingress protection: IP40 sealed from dust and contaminants
• Heavy-gauge corrosion-resistant metal enclosure
• Dimensions (HxWxD): 6.5x2.6x6.3” (165x65x160mm)
• Weight (typical): 1.5 lbs (0.68 kg)
Environmental
• Operating/storage temperature: Designed and tested to -40 to +85°C per
IEC 60068-2-1/2
• Humidity: 5 to 95% RH (non-condensing) per IEC 60068-2-30
• Vibration: 20mm/s from 1 to 150 Hz per IEEE 1613 Class V.S.3
• Vibration: Amp: 3mm from 2-9 Hz, 1g from 9-200Hz, 1.5g from 200-500 Hz
per IEC 61850-3
• Shock: 30g @ 11ms per IEC 61850-3, free-fall: 250mm distance
Standards & Compliance
• Power Systems: IEC61850-3, IEC60870-2-1/2; IEEE1613
• Traffic Control: NEMA TS-2
• Railway Systems: EN50155 & EN50121-4
• Safety/Hazardous Locations: UL508/ISA12.12.01/CSA C22.2 142/213,
Class I, Division 2, Groups A, B, C, D
– EL212F-DC-V1: T4 @ 85C (Surrounding Air)
– EL212F-AC-V1: T3C @ 50C (Surrounding Air)
– EN61010-1 and CE
• ATEX: EN60079-15, Zone 2, CAT3
– EL212F-DC-V1 is approved for Zone 2 (ATEX) area
• EMC: IEEE c37.90.1/2/3, IEC61000-6-2, IEC61000-6-4, IEC/TS61000-6-5,
IEC60870-2-1, IEC61000-4 Series, FCC Part 15, EN55022/CISPR22, CE
• Dielectric and Impulse: IEC60255-5 & C37.90
• RoHS, WEEE and REACH compliant
• MTBF: >400,000 hours GB @ 40°C per MIL-HNDBK-217F2
Warranty
• 5 years on design and manufacturing defects


Similar Part No. - FCOPPER-SFP-100

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
FCOPPER-SFP-100 REDLION-FCOPPER-SFP-100 Datasheet
1Mb / 4P
   Layer 2 Industrial Ethernet Switch
More results

Similar Description - FCOPPER-SFP-100

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ET-5XS-IP67 REDLION-ET-5XS-IP67 Datasheet
294Kb / 2P
   Military-Rated Industrial Connectivity
SLX-5EG-1 REDLION-SLX-5EG-1 Datasheet
448Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
MIL318 REDLION-MIL318 Datasheet
806Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
SLX-3EG REDLION-SLX-3EG Datasheet
359Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
MIL312 REDLION-MIL312 Datasheet
742Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
SLX-5EG-2SFP REDLION-SLX-5EG-2SFP Datasheet
704Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
MIL316 REDLION-MIL316 Datasheet
801Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
ET-8XG-MIL REDLION-ET-8XG-MIL Datasheet
824Kb / 3P
   Military-Rated Gigabit Industrial Connectivity
SLX-3ES REDLION-SLX-3ES Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
   Managed Industrial Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com