Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL228 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # EL228
Description  Layer 2 Industrial Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EL228 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  EL228 Datasheet HTML 1Page - Red Lion Controls. Inc EL228 Datasheet HTML 2Page - Red Lion Controls. Inc EL228 Datasheet HTML 3Page - Red Lion Controls. Inc EL228 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EL228 Layer 2 Industrial Ethernet Switch Specifications
CONNECT. MONITOR. CONTROL.
FEATURES & BENEFITS
Rugged, Reliable Operation
• Supports deployment in extreme
environments
• Provides high reliability in the toughest
applications
– Heavy industrial ratings for power, traffic,
railway and hazloc applications
– KEMA approved for IEC 61850 & IEEE 1613
– Superior EMC performance and EMI
immunity
– Designed and tested from -40° to +85°C
operating temperature (no fans)
– Rugged corrosion-resistant metal enclosure
– Sealed IP50 protects against dust,
dirt and debris
– UL/CSA, FCC and CE compliant
– Dual-redundant AC or DC power supplies
Advanced Networking & Redundancy
• Ensures fast recovery from faults
• Prioritizes handling of mission-critical data
– Real-Time-Ring™ for fast redundant rings
– RSTP (Rapid Spanning Tree) provides
complex redundancy
– MSTP (Multiple Spanning Tree)
per-VLAN redundancy
– VLAN (GVRP, Q-in-Q) for convenient
traffic segregation
– LACP (Link Aggregation) increases
bandwidth
– IGMP for multicast filtering (snooping and
querying)
– QoS/CoS/DS provides real-time message
prioritization
– Jumbo frame (10K) support on Gigabit ports
– Virtual stacking for up to 36 EL228 switches
Universal Mounting
• Lowers overall cost of ownership
• Maximizesefficiency-onemodeldoesitall
– Universal mounting supports both front and
reverse wiring
– Status LEDs on front and back of switch for
easy viewing
– Console RS232 port on front and back of
switch for local management
– Space efficient 1U rack-mount design fits onto
EIA, WECO and ETSI racks from 19” to 24”
Powerful Management & Monitoring
• Simplifiesconfigurationandmanagement
• Provides fast and easy troubleshooting
EL228 Layer 2 Industrial Ethernet Switch
ExtremeLine Managed Industrial Connectivity
INDUSTRIAL CONNECTIVITY
Sixnet’s industrial Ethernet switches
combine enterprise-class performance
with rugged reliability to provide a
“best of both worlds” solution for many
of today’s industrial applications. Our
hardened switches are ideally suited for
harsh and outdoor environments that
include power substations, Smart Grid,
military, utility, transportation and other
industries where real-time performance
under extreme operating conditions is
required. Built-in redundancy coupled
with advanced security and network
management ensures the infrastructure
stays up and running while providing
tools for monitoring and tracking.
SPECIFICATIONS
Ethernet Performance
• 28 total Ethernet ports (24 + 4G)
• 24 SFP ports for a mix of copper or fiber
• 4 Gigabit with 2 RJ45 ports and 2 RJ45/SFP
combo ports
• RJ45 ports: auto-negotiation (speed/duplex)
and auto-crossover
• Non-blocking, store and forward, wire-speed
– Easy configuration via Web or CLI
– SNMPv1, v2, v3 network management
– LLDP for universal network identification
– sFlow for network-level monitoring
– RMON and port mirroring for advanced
diagnostics
– Event/Error/System logging and system
monitoring
– UPnP, OAM and Banner support
– Dual firmware upgrade system
– Relay output contact to signal alarms
Ultimate Port Flexibility
• Simplifieson-siteconfiguration
• Reduces “fork-lift” upgrades
– 28 total Ethernet ports (24 + 4G)
o
2 Gig RJ45 ports support auto
10/100/1000 Mbps
o
2 Gig RJ45/SFP combo ports for copper
or fiber links
o
24 fast SFP ports - mix 100M fiber
or 10/100 copper
– Fiber transceivers support multimode,
singlemode, bi-directional single-strand
and long haul up to 120km
– Up to 26 total noise-immune fiber optic
ports
Advanced Cyber Security
• Prevents against unauthorized access
• Protects from unwanted intrusion
– Static and dynamic port security
– Authentication - SNMPv3, 802.1x, RADIUS,
TACACS+ AAA/3.0, Web and MAC
– Encryption - MD5, TLS, TTLS, TACACS+
AAA/3.0
– Access Control List (ACL) per IP/MAC/
VLAN/TCP/UDP
– Secure Web (HTTPS/SSL) and Telnet (SSH)
– Rate limiting and multicast storm protection
– IP Source Guard, DHCP Snooping and
Option 82


Similar Part No. - EL228

ManufacturerPart #DatasheetDescription
logo
SIXNET Technology Park
EL228 SIXNET-EL228 Datasheet
259Kb / 4P
   Heavy Industrial Ethernet Managed Switch
EL228-AA-1 SIXNET-EL228-AA-1 Datasheet
259Kb / 4P
   Heavy Industrial Ethernet Managed Switch
EL228-AO-1 SIXNET-EL228-AO-1 Datasheet
259Kb / 4P
   Heavy Industrial Ethernet Managed Switch
EL228-DD-1 SIXNET-EL228-DD-1 Datasheet
259Kb / 4P
   Heavy Industrial Ethernet Managed Switch
EL228-DO-1 SIXNET-EL228-DO-1 Datasheet
259Kb / 4P
   Heavy Industrial Ethernet Managed Switch
More results

Similar Description - EL228

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
   Layer 3 Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12LM ETC2-HEST12LM Datasheet
341Kb / 3P
   Industrial Ethernet Layer-3 Core Switch
logo
Vitesse Semiconductor C...
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
   10-Port Layer 2 Gigabit Ethernet Switch
VSC7422-04 VITESSE-VSC7422-04 Datasheet
299Kb / 2P
   25-Port Layer 2 Gigabit Ethernet Switch
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
   4-Port Layer-2 Gigabit Ethernet Switch
logo
Weidmuller
2778970000 WEIDMULLER-2778970000 Datasheet
155Kb / 4P
   Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
2778980000 WEIDMULLER-2778980000 Datasheet
156Kb / 4P
   Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
logo
Broadcom Corporation.
BCM5698 BOARDCOM-BCM5698 Datasheet
115Kb / 2P
   12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
logo
Vitesse Semiconductor C...
VSC7421-04 VITESSE-VSC7421-04 Datasheet
299Kb / 2P
   17-Port Layer 2 Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
   Industrial Layer-3 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com