Electronic Components Datasheet Search |
|
EL326-A0-1 Datasheet(PDF) 2 Page - Red Lion Controls. Inc |
|
EL326-A0-1 Datasheet(HTML) 2 Page - Red Lion Controls. Inc |
2 / 4 page Layer 3 Industrial Ethernet Switch Specifications CONNECT. MONITOR. CONTROL. EL326 Layer 3 Industrial Ethernet Switch ExtremeLine Managed Industrial Connectivity INDUSTRIAL SWITCHING Sixnet’s industrial Ethernet switches combine enterprise-class performance with rugged reliability to provide a “best of both worlds” solution for many of today’s industrial applications. Our hardened switches are ideally suited for harsh and outdoor environments that include power substations, Smart Grid, military, utility, transportation and other industries where real-time performance under extreme operating conditions is required. Built-in redundancy coupled with advanced security and network management ensures the infrastructure stays up and running while providing tools for monitoring and tracking. FEATURES & BENEFITS Dedicated High-Speed Stacking Ports • Provide pay-as-you-go capacity expansion • Manage multiple switches as one stack to maximize efficiency – Integrate switches without utilizing 1G and 10G Ethernet ports – Virtually stack up to eight EL326 switches for a total of 192 ports Advanced Networking & Redundancy • Prioritizes converged traffic to ensure delivery • Provides mission-critical redundancy – RSTP (Rapid Spanning Tree) provides redundancy – MSTP (Multiple Spanning Tree) per VLAN – VLAN (GVRP, Q-in-Q) for convenient traffic segregation – Link Aggregation (LACP) increases bandwidth – IGMP for multicast filtering (snooping and querying v1, 2) – QoS for real-time data prioritization – Jumbo frame support Powerful Management & Monitoring • Simplifies configuration and management • Provides fast and easy troubleshooting – Easy configuration via web or CLI – SNMP v1, v2, v3 network management – LLDP for universal network identification – sFlow for network-level monitoring – RMON and port mirroring for advanced diagnostics – Event/error/system logging and monitoring – UPnP, OAM and banner support Rugged, Reliable Operation • Supports industrial environments • Provides higher performance and reduces downtime – Superior EMC performance and EMI immunity – Rugged corrosion-resistant metal enclosure – Sealed IP40 protects against dust, dirt and debris – UL/CSA, FCC and CE compliant – Dual-redundant power supplies Hardware-Based Layer 3 Routing Support • Enables wire speed packet forwarding through advanced architecture • Expands virtual switch capacity simply and efficiently – RIP v1/2 – Static routing – OSPF Advanced Cyber Security • Prevents against unauthorized access • Protects from unwanted intrusion – Static and dynamic port security – Authentication: SNMPv3, 802.1x, RADIUS, TACACS+ AAA/3.0, web and MAC – Encryption: MD5, TLS, TTLS, TACACS+ AAA/3.0 – Access Control List (ACL) per IP/MAC/ VLAN/TCP/UDP – Secure Web (HTTPS/SSL) and Telnet (SSH) – Rate limiting and multicast storm protection – IP Source Guard, DHCP Snooping and Option 82 Dedicated High Speed Stacking Ports Enable up to Eight Connected Switches |
Similar Part No. - EL326-A0-1 |
|
Similar Description - EL326-A0-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |