Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6461XR22-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6461XR22-T
Description  Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6461XR22-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6461XR22-T Datasheet HTML 1Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 2Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 3Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 4Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 5Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 6Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 7Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 8Page - Maxim Integrated Products MAX6461XR22-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX6461–MAX6466 family of ultra-low-power voltage
detectors and µP reset supervisory circuits monitors bat-
tery, power-supply, and system voltages. Each circuit
includes a precision bandgap reference, a comparator,
internally trimmed resistor networks that set specified trip
thresholds, and an internal 5% threshold hysteresis circuit
(see the Functional Diagram). Output is asserted when
VCC falls below the internal VTH- and remains asserted
until VCC rises above VTH+ (VTH+ = VTH-
× 1.05). These
devices provide excellent circuit reliability and low cost
by eliminating external components and adjustments
when monitoring nominal system voltages from +1.6V to
+5.5V. The MAX6461/MAX6462/MAX6463 are voltage
detectors with a propagation delay of 17µs.
The MAX6464/MAX6465/MAX6466 are µP supervisory
circuits with a minimum reset timeout period of 150ms. All
devices are available with thresholds from +1.6V to +5.5V
in 100mV increments.
The family is available with three output stage options:
push-pull with active-low output, push-pull with active-
high output, and open drain with active-low output. These
devices are available in SC70 and SOT23 packages
specified over the -40°C to +125°C temperature range.
Applications
Precision Battery Monitoring
Load Switching/Power Sequencing
Power-Supply Monitoring in Digital/Analog
Systems
Noise-Immune µP Reset Circuits
Portable/Battery-Powered Equipment
Cellular Phones/Cordless Phones
PDAs
Portable Medical Devices
Features
o Ultra-Low 1.0µA Supply Current
o Preset Thresholds from +1.6V to +5.5V in 100mV
Increments
o Internal 5% Threshold Hysteresis
o ±2.5% Threshold Accuracy Over Temperature
o Internal Timeout Period Option (150ms min)
o Immune to Short Voltage Transients
o No External Components
o Available in Three Output Options: Push-Pull
(Active Low/Active High) and Open Drain (Active
Low)
o Fully Specified from -40°C to +125°C
o Small SC70 and SOT23 Packages
Ultra-Low-Power Voltage Detectors and
µP Supervisory Circuits
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
(OUT)/OUT
1
3VCC
GND
MAX6461–
MAX6466
SC70-3
2
GND
(OUT)/OUT
GND
15
VCC
N.C.
MAX6461–
MAX6466
SOT23-5
2
34
GND
1
3VCC
MAX6461–
MAX6466
SOT23-3
2
(OUT)/OUT
( ) ARE FOR THE MAX6462/MAX6465 ONLY
Pin Configurations
Ordering Information
19-2533; Rev 1; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6461XR_ _-T
-40°C to +125°C
3 SC70-3
MAX6461UR_ _-T
-40°C to +125°C
3 SOT23-3
MAX6461UK_ _-T
-40°C to +125°C
5 SOT23-5
MAX6462XR_ _-T
-40°C to +125°C
3 SC70-3
MAX6462UR_ _-T
-40°C to +125°C
3 SOT23-3
MAX6462UK_ _-T
-40°C to +125°C
5 SOT23-5
Ordering Information continued at end of data sheet.
Selector Guide appears at end of data sheet.
The MAX6461–MAX6466 are available in factory-set thresholds
from 1.6V to 5.5V in approximately 100mV increments. Choose
the desired voltage threshold suffix from Table 1 and insert it in
the blank spaces in the part number. There are 30 standard ver-
sions with a required order increment of 2500 pieces. Sample
stock generally is held on the standard versions only (Table 2).
Nonstandard versions require a 10k-piece order increment.
Contact factory for availability. All devices available in tape-and-
reel only.


Similar Part No. - MAX6461XR22-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461XR MAXIM-MAX6461XR Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461XR MAXIM-MAX6461XR Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6461XR-T MAXIM-MAX6461XR-T Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results

Similar Description - MAX6461XR22-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
logo
ams AG
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com