Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6623L Datasheet(PDF) 8 Page - Texas Instruments

Part # PT6623L
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6623L Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT6623L Datasheet HTML 4Page - Texas Instruments PT6623L Datasheet HTML 5Page - Texas Instruments PT6623L Datasheet HTML 6Page - Texas Instruments PT6623L Datasheet HTML 7Page - Texas Instruments PT6623L Datasheet HTML 8Page - Texas Instruments PT6623L Datasheet HTML 9Page - Texas Instruments PT6623L Datasheet HTML 10Page - Texas Instruments PT6623L Datasheet HTML 11Page - Texas Instruments PT6623L Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Feb-2014
Addendum-Page 3
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - PT6623L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6623 TI-PT6623 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6623L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com