Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB78560BAS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTB78560BAS
Description  AUTO-TRACK??SEQUENCING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB78560BAS Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTB78560BAS Datasheet HTML 6Page - Texas Instruments PTB78560BAS Datasheet HTML 7Page - Texas Instruments PTB78560BAS Datasheet HTML 8Page - Texas Instruments PTB78560BAS Datasheet HTML 9Page - Texas Instruments PTB78560BAS Datasheet HTML 10Page - Texas Instruments PTB78560BAS Datasheet HTML 11Page - Texas Instruments PTB78560BAS Datasheet HTML 12Page - Texas Instruments PTB78560BAS Datasheet HTML 13Page - Texas Instruments PTB78560BAS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
PTB78560A Characteristic Data (V
O = 5 V)
(5) (6)
0
0
1
10
40
20
30
2
3
5
6
4
60
50
VI=18 V
IO − Output Current − A
VI=24 V
VI=60 V
VI=48 V
VI=36 V
0
2
0
2
1
3
7
5
6
4
4
6
8
1
5
3
VI=18 V
IO − Output Current − A
VI=24 V
VI=60 V
VI=48 V
VI=36 V
0
50
45
2
40
55
70
65
60
75
80
5
90
85
95
100
1
3
6
4
VI=18 V
IO − Output Current − A
VI=24 V
VI=60 V
VI=48 V
VI=36 V
40
30
20
70
60
50
90
80
0
1
2
3
5
6
4
400 LFM
IO − Output Current − A
200 LFM
100 LFM
0 LFM
(Natural Convection)
40
30
20
70
60
50
90
80
0
1
2
3
5
6
4
400 LFM
IO − Output Current − A
200 LFM
100 LFM
0 LFM
(Natural Convection)
PTB78560A, PTB78560B
PTB78560C
SLTS249 – JUNE 2005
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
POWER DISSIPATION
OUTPUT VOLTAGE RIPPLE
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
Figure 13.
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT (VI = 24 V)
OUTPUT CURRENT (VI = 48 V)
Figure 14.
Figure 15.
(5)
All data listed in Figure 11, , and Figure 12 have been developed from actual products tested at 25°C. This data is considered typical
data for the dc-dc converter.
(6)
The temperature derating curves represent operating conditions at which internal components are at or below manufacturer's maximum
rated operating temperature. Derating limits apply to modules soldered directly to a 100–mm × 100–mm, double-sided PCB with 2 oz.
copper. Applies to Figure 14, and Figure 15.
10
Submit Documentation Feedback


Similar Part No. - PTB78560BAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560BAS TI-PTB78560BAS Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
More results

Similar Description - PTB78560BAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTH04000W TI-PTH04000W_15 Datasheet
686Kb / 21P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
logo
Renesas Technology Corp
SLG7NT4964V RENESAS-SLG7NT4964V Datasheet
350Kb / 8P
   DDR_RAIL SEQUENCING
February 25, 2022
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Maxim Integrated Produc...
MAX16050EVKIT MAXIM-MAX16050EVKIT Datasheet
536Kb / 13P
   Reverse-Sequencing Operation
Rev 0; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com