Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB78560AAZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTB78560AAZ
Description  AUTO-TRACK??SEQUENCING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB78560AAZ Datasheet(HTML) 2 Page - Texas Instruments

  PTB78560AAZ Datasheet HTML 1Page - Texas Instruments PTB78560AAZ Datasheet HTML 2Page - Texas Instruments PTB78560AAZ Datasheet HTML 3Page - Texas Instruments PTB78560AAZ Datasheet HTML 4Page - Texas Instruments PTB78560AAZ Datasheet HTML 5Page - Texas Instruments PTB78560AAZ Datasheet HTML 6Page - Texas Instruments PTB78560AAZ Datasheet HTML 7Page - Texas Instruments PTB78560AAZ Datasheet HTML 8Page - Texas Instruments PTB78560AAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
Auto −Track
POL Module
Track
GND Adjust
Auto −Track
POL Module
Track
GND Adjust
RSET
To Other
POL Modules
* See note
Simultaneous Powerup
NEN
Track
1
3
4
5
9
11
10
8
7
6
PEN
2
Notes:
{ Sequenced output is available in the PTB78560B model only.
* The +Sense may be connected to either VOSeq or VOBus output of the PTB78560B.
} R
SET is required to set the output voltage higher than the minimum value. See the Application Information section for values.
# The PTB78560x modules require a minimum of 220
µF total output capacitance for proper operation.
$ A minimum of 100
µF input capacitance is recommended for proper operation.
RSET
}
CO #
(Required)
CI $
(Required)
{
VO Seq
{
VOSeq
VPOL1
VPOL2
* +Sense
−Sense
VO Bus
PTB78560x
+VI
−VI
VO Adjust
VO COM
−VI
+VI
CI #
RSET
CO
{
VO Seq
(3.3 V)
CO
VO
VI
VO
VI
CI #
VPOL1
VPOL2
PTB78560A, PTB78560B
PTB78560C
SLTS249 – JUNE 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Typical Circuit
2
Submit Documentation Feedback


Similar Part No. - PTB78560AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560AAZ TI-PTB78560AAZ Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
More results

Similar Description - PTB78560AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTH04000W TI-PTH04000W_15 Datasheet
686Kb / 21P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
logo
Renesas Technology Corp
SLG7NT4964V RENESAS-SLG7NT4964V Datasheet
350Kb / 8P
   DDR_RAIL SEQUENCING
February 25, 2022
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Maxim Integrated Produc...
MAX16050EVKIT MAXIM-MAX16050EVKIT Datasheet
536Kb / 13P
   Reverse-Sequencing Operation
Rev 0; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com