Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48540CAH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48540CAH
Description  10-W Power-Over-Ethernet Isolated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540CAH Datasheet(HTML) 3 Page - Texas Instruments

  PTB48540CAH Datasheet HTML 1Page - Texas Instruments PTB48540CAH Datasheet HTML 2Page - Texas Instruments PTB48540CAH Datasheet HTML 3Page - Texas Instruments PTB48540CAH Datasheet HTML 4Page - Texas Instruments PTB48540CAH Datasheet HTML 5Page - Texas Instruments PTB48540CAH Datasheet HTML 6Page - Texas Instruments PTB48540CAH Datasheet HTML 7Page - Texas Instruments PTB48540CAH Datasheet HTML 8Page - Texas Instruments PTB48540CAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For technical support and further information visit http://power.ti.com
PTB48540 Series
10-W Power-Over-Ethernet Isolated
Power Module Assembly
Specifications (Unless otherwise stated, T
a =25°C, Vin =48V (1), and Io =Iomax)
PTB48540 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
PTB48540A
(5 V)
0.1 (2)
—2
PTB48540B (3.3 V)
0.1 (2)
—3
A
PTB48540C ( 12 V)
0.1 (2)
0.85
Input Voltage Range
Vin
Over Io Range
36
57 (1)
VDC
Set Point Voltage Tolerance
Vo tol
±1±2%Vo
Temperature Variation
Regtemp
–40
≤Ta ≤ +85 °C, Io =Iomin
±0.2
%Vo
Line Regulation
Regline
Over Vin range
±1
mV
Load Regulation
Regload
Over Io range
±5
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±1.5
±3
%Vo
–40
≤Ta ≤ +85 °C
Efficiency
η
PTB48540C (12 V)
85
PTB48540A
(5 V)
82
%
PTB48540B (3.3 V)
79
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
50
mVpp
Transient Response
ttr
1 A/µs load step, 50 % to 100 % Iomax
100
µs
∆Vtr
Vo over/undershoot
Vo ≤ 5 V
±150
mV
Vo =12 V
±200
Output Voltage Adjust
Vadj
±10
%Vo
Current Limit Threshold
Ilim
Vin = 42 V, ∆Vo = –1 %
150
%Iomax
Switching Frequency
ƒs
Over Vin range
200
300
400
kHz
Under-Voltage Lockout
UVLO
Vin rising
40
42
V
Vin falling
30
32
Output Inhibit (Pin 13)
Referenced to Input Ref (pin 4)
Input High Voltage
VIH
4.5
Open (3)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
—–2
—mA
Standby Input Current
Iin standby
pins 13 & 4 connected
1
mA
External Output Capacitance
Cout
Vo ≤ 5 V
0 (4)
1000
µF
Vo = 12 V
0 (4)
330
Internal Input Capacitance
Cin
Vin < UVLO threshold
0.05
0.1
0.12
µF
Vin > UVLO threshold
5
7
Detection Resistance
Rdetect
2.7 V
≤ Vin ≤ 10.1 V
23.75
24.9 (5)
26.25
k
Classification Current
Iclass
14.5 V
≤ Vin ≤ 20.5 V
2
2.5
(6)
3mA
Operating Temperature Range
Ta
Over Vin range
–40
+85 (7)
°C
Over Temperature Protection
OTP
Measured at pin 7
Threshold
135
°C
Hysterisis
20
Isolation Voltage
Input–output
1500
V
Capacitance
1,100
pF
Resistance
10
——M
Solder Reflow Temperature
Treflow
Surface temperature of module body or pins
235 (8)
°C
Storage Temperature
Ts
–40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
4
106 Hrs
50 % stress, Ta =40 °C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1 mS, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2
Pkg EUP
20
G’s
20-2000 Hz, soldered to PC
Pkg EUQ
7.5
Weight
12
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The input voltage Vin is applied and measured between ‘Data Line A’ (pin 10) and ‘Data Line B’ (pin 9), or between ‘Spare Line A’ (pin 8) and ‘Spare
Line B (pin 7). These inputs accept either polarity.
(2) The DC/DC converter will operate at no load with reduced specifications.
(3) The Output Inhibit (pin 13) is referenced to ‘Input Ref ’ (pin 4) and has an internal pull-up. If it is left open circuit the converter will operate when
input power is applied. The open-circuit voltage is typically 5 V. Refer to the application notes for interface considerations.
(4) An output capacitor is not required for proper operation.
(5) This is the default for a “Valid Device” PD detection signature.
(6) This is the default for a “Class 0” PD classification signature.
(7) See Safe Operating Area curves or contact the factory for the appropriate derating.
(8) During the reflow of the SMD package version do not elevate the peak temperature of the module, pins, or internal components above the stated maximum.
SLTS224B – APRIL 2004 – REVISED JULY 2004
Not Recommended for New Designs


Similar Part No. - PTB48540CAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540CAH TI1-PTB48540CAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540CAH TI1-PTB48540CAH Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
More results

Similar Description - PTB48540CAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com