Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6885A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6885A
Description  5A Non-Isolated Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6885A Datasheet(HTML) 3 Page - Texas Instruments

  PT6885A Datasheet HTML 1Page - Texas Instruments PT6885A Datasheet HTML 2Page - Texas Instruments PT6885A Datasheet HTML 3Page - Texas Instruments PT6885A Datasheet HTML 4Page - Texas Instruments PT6885A Datasheet HTML 5Page - Texas Instruments PT6885A Datasheet HTML 6Page - Texas Instruments PT6885A Datasheet HTML 7Page - Texas Instruments PT6885A Datasheet HTML 8Page - Texas Instruments PT6885A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT6880Series
5-A, 15-36-V Input
Integrated Switching Regulator
SLTS103B -JULY 2000 - REVISED JANUARY 2003
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT6881, Vout =3.3V (Note A)
SOA Curves @Vin=+24V (Note B)
20
30
40
50
60
70
80
90
012345
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
50
60
70
80
90
012345
Iout - (A)
18.0V
24.0V
36.0V
VIN
0
10
20
30
40
50
0123
45
Iout - (A)
18.0V
24.0V
36.0V
VIN
0
1
2
3
4
5
6
01234
5
Iout - (A)
36.0V
24.0V
18.0V
VIN
20
30
40
50
60
70
80
90
01
2345
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT6883 Vout =5V (Note A)
SOA Curves @Vin=+24V (Note B)
50
60
70
80
90
0123
45
Iout (A)
18.0V
24.0V
36.0V
V
IN
0
10
20
30
40
50
0
12345
Iout (A)
18.0V
24.0V
36.0V
VIN
0
1
2
3
4
5
6
012
34
5
Iout (A)
36.0V
24.0V
18.0V
V
IN
50
60
70
80
90
100
0
0.8
1.6
2.4
3.2
4
Iout - (A)
18.0V
24.0V
36.0V
VIN
0
20
40
60
80
100
0
0.8
1.6
2.4
3.2
4
Iout - (A)
36.0V
24.0V
18.0V
VIN
0
1
2
3
4
5
6
0
0.8
1.6
2.4
3.2
4
Iout - (A)
36.0V
24.0V
18.0V
VIN
20
30
40
50
60
70
80
90
0
0.8
1.6
2.4
3.2
4
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT6886, Vout =12V (Note A)
SOA Curves @Vin=+24V (Note B)


Similar Part No. - PT6885A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6885 TI-PT6885 Datasheet
188Kb / 8P
[Old version datasheet]   5-A, 15-36-V Input Integrated Switching Regulator
More results

Similar Description - PT6885A

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
   Miniature, Non-isolated 5A Output, Switching POL Regulators
logo
Bel Fuse Inc.
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7AH-05C BEL-S7AH-05C Datasheet
202Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2- 2.5V Output / 5A
logo
Micropac Industries
53513 MICROPAC-53513 Datasheet
74Kb / 7P
   NON-LATCHING, ISOLATED OUTPUT
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com