Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48502xx Datasheet(PDF) 2 Page - Texas Instruments

Part # PTB48502xx
Description  48-V INPUT ISOLATED DC/DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48502xx Datasheet(HTML) 2 Page - Texas Instruments

  PTB48502xx Datasheet HTML 1Page - Texas Instruments PTB48502xx Datasheet HTML 2Page - Texas Instruments PTB48502xx Datasheet HTML 3Page - Texas Instruments PTB48502xx Datasheet HTML 4Page - Texas Instruments PTB48502xx Datasheet HTML 5Page - Texas Instruments PTB48502xx Datasheet HTML 6Page - Texas Instruments PTB48502xx Datasheet HTML 7Page - Texas Instruments PTB48502xx Datasheet HTML 8Page - Texas Instruments PTB48502xx Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
PTB4850x
Enable
COM
10
6
L
O
A
D
L
O
A
D
Vo 1
Vo 2
1
3
5
COM
2
4
9
SyncOut
ENOut
−VI
+VI
+VI
−VI
POR
(8)*
VO1
VO2
VO2Adj
7, (8)*
* Pin 8 is COM on PTB48502
Environmental and General Specifications
PTB48500
PTB48501
PTB48502
SLTS218C – SEPTEMBER 2003 – REVISED AUGUST 2006
STAND-ALONE APPLICATION
ORDERING INFORMATION
Base Part No. (PTB4850_xxx)
Output Voltage (PTB4850x_xx)
Package Options (PT4850xx_ _)
Order Prefix
Description
Code
Voltage
Code
Description
Pkg Ref.(1)
PTB48500xxx
13 A
(32-Ports)
A
3.3 V / 1.2 V
AH
Horiz. T/H
(ERH)
PTB48501xxx
16.5 A
(48/64-Ports)
AS
SMD, Standard(2)
(ERJ)
PTB48502xx
21 A
(64-Ports + 10 W)
AZ
SMD, Pb-free
(ERJ)
(1)
Reference the applicable package reference drawing for the dimensions and PC board layout.
(2)
Standard option specifies 63/37, Sn/Pb pin solder material.
(Unless otherwise stated, all voltages are with respect to –V
I)
VALUE
UNIT
VI
Input Voltage Range
Over output load range
36 to 75
VDC
Isolation Voltage
Input-output/input/case
1500
V
Capacitance
Input to output
1500
pF
Resistance
Input to output
10
m
TA
Operating Temperature Range
Over Vin Range
–40 to 85
° C
Shutdown threshold
115
OTP
Over-Temperature Protection
°C
Hysterisis
10
Treflow
Solder Reflow Temperature
Surface temperature of module body or pins
235(1)
°C
Ts
Storage Temperature
–40 to 125
°C
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2 Sine,
500
G
Mechanical Shock
mounted
Method 2007.2
Suffix H
20
Mechanical Vibration Mil-STD-883D
G
20-2000 Hz
Suffix C
5
Weight
grams
Flammability
Meets UL 94V-O
(1)
During reflow of SMD package version do not elevate peak temperature of the module, pins or internal components above the stated
maximum.
2
Submit Documentation Feedback
PTB48500A and PTB48502A are Not Recommended for New Designs


Similar Part No. - PTB48502xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48502 TI-PTB48502 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48502 TI-PTB48502 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502 TI1-PTB48502 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502AAH TI-PTB48502AAH Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502AAH TI1-PTB48502AAH Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
More results

Similar Description - PTB48502xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com