Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A010W Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A010W
Description  DIGITAL POWERTRAIN??MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTD08A010W Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTD08A010W Datasheet HTML 5Page - Texas Instruments PTD08A010W Datasheet HTML 6Page - Texas Instruments PTD08A010W Datasheet HTML 7Page - Texas Instruments PTD08A010W Datasheet HTML 8Page - Texas Instruments PTD08A010W Datasheet HTML 9Page - Texas Instruments PTD08A010W Datasheet HTML 10Page - Texas Instruments PTD08A010W Datasheet HTML 11Page - Texas Instruments PTD08A010W Datasheet HTML 12Page - Texas Instruments PTD08A010W Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
10
8
6
4
2
I
O – Ouput Current – A
0
20
60
70
90
30
40
50
80
Nat Conv
Nat conv
f
SW = 350 kHz
V
O = 3.3 V
10
8
6
4
2
I
O – Ouput Current – A
0
20
60
70
90
30
40
50
80
Nat Conv
f
SW = 500 kHz
V
O = 3.3 V
Nat conv
10
8
6
4
2
I
O – Ouput Current – A
0
20
60
70
90
30
40
50
80
Nat Conv
Nat conv
f
SW = 500 kHz
V
O = 1.2 V
10
8
6
4
2
I
O – Ouput Current – A
0
20
60
70
90
30
40
50
80
Nat Conv
f
SW = 750 kHz
V
O = 1.2 V
200LFM
100LFM
Nat conv
200 LFM
100 LFM
PTD08A010W
www.ti.com
SLTS285E – MAY 2007 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS (VI = 5 V)
Safe Operating Area (1)
AMBIENT TEMPERATURE vs
AMBIENT TEMPERATURE vs
AMBIENT TEMPERATURE vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 24.
Figure 25.
Figure 26.
AMBIENT TEMPERATURE vs
LOAD CURRENT
Figure 27.
(1)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
Please refer to the mechanical specification for more information.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PTD08A010W


Similar Part No. - PTD08A010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
logo
Contec Co., Ltd
CPSN-DI-08L CONTEC-CPSN-DI-08L Datasheet
592Kb / 3P
   Digital Input Module
CPS-DO-16L CONTEC-CPS-DO-16L Datasheet
640Kb / 2P
   Digital Output Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com