Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48580AAS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48580AAS
Description  Dual Complementary-Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48580AAS Datasheet(HTML) 4 Page - Texas Instruments

  PTB48580AAS Datasheet HTML 1Page - Texas Instruments PTB48580AAS Datasheet HTML 2Page - Texas Instruments PTB48580AAS Datasheet HTML 3Page - Texas Instruments PTB48580AAS Datasheet HTML 4Page - Texas Instruments PTB48580AAS Datasheet HTML 5Page - Texas Instruments PTB48580AAS Datasheet HTML 6Page - Texas Instruments PTB48580AAS Datasheet HTML 7Page - Texas Instruments PTB48580AAS Datasheet HTML 8Page - Texas Instruments PTB48580AAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
For technical support and further information visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the converter.
Note B:
Under a balanced load, current flowing out of +VO is equal to that flowing into –VO.
Note C:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures. Derating limits apply to
modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 2 oz. copper.
Typical Characteristics
PTB48580A Characteristic Data @VI =48 V (See Notes A)
Efficiency vs Load Current
(See Note B)
Power Dissipation vs Load Current
(See Note B)
Safe Operating Area PTB48580A (See Note C)
Balanced Load, V
I =48 VDC (See Note B)
Cross Regulation,
∆|+V
O| vs |–IO|, with |+IO| = 1 A
Cross Regulation,
∆|–V
O| vs |+IO|, with |–IO| = 1 A
PTB48580A
Dual Complementary-Output
DC/DC Converter for DSL
SLTS240 DECEMBER 2004
40
50
60
70
80
90
00.5
11.5
22.5
3
|±I
O| – Balanced Output Current – A
0
1
2
3
4
5
6
00.5
11.52
2.5
3
|±I
O| – Balanced Output Current – A
20
30
40
50
60
70
80
90
00.5
11.5
22.5
3
|±I
O| – Balanced Output Current – A
400LFM
200LFM
100LFM
Nat conv
Airflow
-300
-200
-100
0
100
200
300
00.5
11.52
2.5
3
|–I
O| – Output Current – A
-300
-200
-100
0
100
200
300
0
0.5
11.522.53
|+I
O| – Output Current – A
Not Recommended for New Designs


Similar Part No. - PTB48580AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48580AAS TI1-PTB48580AAS Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580AAS TI1-PTB48580AAS Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
More results

Similar Description - PTB48580AAS

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MD6003 SEME-LAB-MD6003 Datasheet
22Kb / 2P
   COMPLEMENTARY DUAL
logo
Texas Instruments
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
SN54265 TI1-SN54265_10 Datasheet
708Kb / 10P
[Old version datasheet]   QUADRUPLE COMPLEMENTARY-OUTPUT ELEMENTS
logo
ON Semiconductor
NSM21356DW6T1G ONSEMI-NSM21356DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
logo
Central Semiconductor C...
PB-CMLDM3737_1509 CENTRAL-PB-CMLDM3737_1509 Datasheet
1Mb / 2P
   Dual, Complementary MOSFETs
logo
Texas Instruments
SN54265 TI-SN54265 Datasheet
252Kb / 7P
[Old version datasheet]   QUADRUPLE COMPLEMENTARY-OUTPUT ELEMENTS
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
   DUAL, COMPLEMENTARY TRANSISTOR
logo
Texas Instruments
PTB48580AAH TI1-PTB48580AAH_14 Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com