Electronic Components Datasheet Search |
|
PTB78560A Datasheet(PDF) 1 Page - Texas Instruments |
|
|
PTB78560A Datasheet(HTML) 1 Page - Texas Instruments |
1 / 27 page www.ti.com FEATURES APPLICATIONS DESCRIPTION PTB78560A, PTB78560B PTB78560C SLTS249 – JUNE 2005 30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK™ SEQUENCING • Intermediate Bus Architectures • Input Voltage: 18 V to 60 V • Telecom, High-End Computing Platforms • 30-W Total Output Power • Multi-Rail Power Systems with • Output Voltages: 3.3 V, 5 V, and 12 V Power-Up Sequencing • Wide-Output Adjust/Trim • Up To 88% Efficiency • Overcurrent Protection • Overtemperature Shutdown • Undervoltage Lockout • Input Overvoltage Protection • Auto-Track™ Power-Up Sequencing (Includes Sequenced Output with PTB78560B) • Smart-Sense Remote Sensing (PTB78560B) • Dual-Logic Enable Control • Space-Saving 1×2 Footprint • Surface Mount Package • Lead (Pb) - Free Option Available • 1500-Vdc Isolation • Agency Approvals (Pending): UL/cUL 60950, EN 60950 The PTB78560x is a series of 30–W rated isolated dc/dc converters, designed to operate from a standard 24–V or 48–V telecom central office (CO) supply. Housed in a 1×2 package, each model has a wide-adjust output voltage that can be set to one of the common intermediate bus voltages of 3.3 V, 5 V, or 12 V. The PTB78560 series incorporates Auto-Track™, a feature that simplifies the power-up sequencing of multiple power modules that operate from the same intermediate bus. During a power-up cycle, modules with this feature have the capability of following a common ramp voltage applied to an input called Track. The PTB78560 series is specifically designed to control the Track voltage of any number of nonisolated downstream modules powered from its output. This ensures that the outputs of the downstream modules all rise simultaneously during power up. The PTB78560B (3.3 V) has an additional sequenced output, VO Seq, which also rises with the Track voltage. This allows the VO Seq output to power up simultaneously with the outputs from other power modules under the control of Auto-Track. Whether used to facilitate power-up sequencing, or operated as a stand-alone module, the PTB78560 series includes many other features expected of high-performance dc/dc converter modules. Precise output voltage regulation is ensured with a differential remote sense. Operational features include an input undervoltage lockout (UVLO) and a dual-logic output enable control. Overcurrent and overtemperature protection ensure survival against load faults. Typical applications include distributed power architectures in both telecom and computing environments, particularly complex digital systems requiring power sequencing of multiple power supply rails. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Auto-Track is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - PTB78560A |
|
Similar Description - PTB78560A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |