Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB78560A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTB78560A
Description  AUTO-TRACK??SEQUENCING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB78560A Datasheet(HTML) 3 Page - Texas Instruments

  PTB78560A Datasheet HTML 1Page - Texas Instruments PTB78560A Datasheet HTML 2Page - Texas Instruments PTB78560A Datasheet HTML 3Page - Texas Instruments PTB78560A Datasheet HTML 4Page - Texas Instruments PTB78560A Datasheet HTML 5Page - Texas Instruments PTB78560A Datasheet HTML 6Page - Texas Instruments PTB78560A Datasheet HTML 7Page - Texas Instruments PTB78560A Datasheet HTML 8Page - Texas Instruments PTB78560A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE SPECIFICATIONS
PTB78560A, PTB78560B
PTB78560C
SLTS249 – JUNE 2005
ORDERING INFORMATION
PTB78560 (Base Pt. No.)
Output Voltage Range
Part Number
DESCRIPTION
Package Ref. (1)
PTB78560AAH
Horizontal T/H
ERW
3.6 V to 5.5 V
PTB78560AAS
SMD, Standard (2)
ERY
PTB78560AAZ
SMD, Standard (3)
PTB78560BAH (4)
Horizontal T/H
ERW
1.8 V to 3.6 V
PTB78560BAS (4)
SMD, Standard (2)
ERY
PTB78560BAZ (4)
SMD, Standard (3)
PTB78560CAH
Horizontal T/H
ERW
9 V to 13.2 V
PTB78560CAS
SMD, Standard (2)
ERY
PTB78560CAZ
SMD, Standard (3)
(1)
See the applicable package reference drawing for the dimensions and PC board layout.
(2)
Standard option specifies 63/37, Sn/Pb pin solder material.
(3)
Lead-free (Pb-free) option specifies Sn/Ag pin solder material.
(4)
Includes an Auto-Track compatible output, VO Seq, which sequences with the Track control during power up.
UNIT
Continuous
60 V
VI
Input Voltage
Surge, 1 s max
100 V (1)
V(Track)
Track input voltage
0 V to VO Bus + 0.3 V
I(Track) max
Track input current
From external source
10 mA (2)
TA
Operating temperature range
Over VI range
–40°C to 85°C
Overtemperature protection
PCB temperature (near pin 1)
115°C
PTB78560xAS
235°C(3)
Surface temperature of module
T(REFLOW)
Solder reflow temperature
or pins
PTB78560xAZ
260
°C(4)
Tstg
Storage temperature
–40°C to 125°C
(1)
The converter's internal protection circuitry may cause the output to turn off when the applied input voltage is greater than 60 V.
(2)
When the Track input is fed from an external voltage source, the input current must be limited. A 2.74-k
Ω value series resistor is
recommended.
(3)
During solder reflow of standard SMD package version, do not elevate the module PCB, pins, or internal component temperatures
above a peak of 235°C.
(4)
During solder reflow of Pb - free SMD package version, do not elevate the module PCB, pins, or internal component temperatures
above a peak of 260
°C.
PTB78560x (Suffixes AH, AS, and AZ)
Weight
13.6 grams
Flammability
Meets UL94V-O
Horizontal T/H (Suffix AH)
500 G (1)
Per Mil-STD-883D, Method 2002.3, 1 ms,
Mechanical shock
1/2 Sine, mounted
Horizontal SMD (Suffix AS)
250 G (1)
Horizontal T/H (Suffix AH)
20 G (1)
Mil-STD-883D, Method 2007.2, 20-2000 Hz,
Mechanical vibration
Horizontal SMD (Suffix AS
5 G (1)
PCB mounted
and AZ)
(1)
Qualification limit.
3
Submit Documentation Feedback


Similar Part No. - PTB78560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560AAH TI-PTB78560AAH Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560AAS TI-PTB78560AAS Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560AAZ TI-PTB78560AAZ Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB78560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTH04000W TI-PTH04000W_15 Datasheet
686Kb / 21P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
logo
Renesas Technology Corp
SLG7NT4964V RENESAS-SLG7NT4964V Datasheet
350Kb / 8P
   DDR_RAIL SEQUENCING
February 25, 2022
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Maxim Integrated Produc...
MAX16050EVKIT MAXIM-MAX16050EVKIT Datasheet
536Kb / 13P
   Reverse-Sequencing Operation
Rev 0; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com