Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLTS224B Datasheet(PDF) 9 Page - Texas Instruments

Part # SLTS224B
Description  10-W Power-Over-Ethernet Isolated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS224B Datasheet(HTML) 9 Page - Texas Instruments

Back Button SLTS224B Datasheet HTML 4Page - Texas Instruments SLTS224B Datasheet HTML 5Page - Texas Instruments SLTS224B Datasheet HTML 6Page - Texas Instruments SLTS224B Datasheet HTML 7Page - Texas Instruments SLTS224B Datasheet HTML 8Page - Texas Instruments SLTS224B Datasheet HTML 9Page - Texas Instruments SLTS224B Datasheet HTML 10Page - Texas Instruments SLTS224B Datasheet HTML 11Page - Texas Instruments SLTS224B Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
16
15
14
1
2
3
TX1+
TX1–
TXCT
TD+
TD-
TCT
11
10
9
6
7
8
RX1+
RX1–
RXCT
RD+
RD-
RCT
5
4
12
13
N/C
N/C
1:1
1:1
PoE Interface Transformer
H2019 (Pulse Engineering)
J1
RJ-45
Ethernet
Connection
from PSE
PD
Circuitry
N/C
N/C
PTB48540B
10
Data Line B
9
Spare Line A
4
Spare Line B
8
Input Ref
7
A - Detect - B
A - Class - B
Output Inhibit
Data Line A
+V
OUT
V
OUT Adj
–V
OUT
3
2
1
5612
11
13
+3.3 V
0 V
L1
T1
T2
1
2
3
4
5
6
7
8
Figure 4-1; Power-Over-Ethernet Application Schematic
PTB48540 Series
Using the PTB48540 Series Module in a
Power-Over-Ethernet (PoE) Application
The schematic of Figure 4-1 shows an example of how a
PTB48540 module may be connected to a PoE compliant
system. The connector J1 is the input from the PoE source.
In a Power-over-Ethernet (PoE) application, the power
and high-frequency data signals share the same conductors
in the Ethernet cable. The data and power signals must
be separated using an IEEE 802.3af compliant PoE mag-
netic module.
The magnetic module incorporates the customary isola-
tion transformers, T1 and T2. The transformers each
include a center tap, across which the dc current from the
Ethernet power source equipment (PSE) is conveniently
extracted. The transmit and receive hf Ethernet data
appear as differential signals to each transformer. These
signals are isolated by the transformers, allowing the
Ethernet communication content to flow freely between
the connector and the powered device (PD) circuitry.
The common-mode inductor, L1, is a popular addition
to off-the-shelf PoE magnetic modules. The inductor
provides additional rejection to common mode noise
currents, which may otherwise be present on either the
data or power signals.
The PTB48540 module complies with the PoE protocols,
provides the required isolation, and converts the raw
power from the PSE to a precision regulated 3.3-VDC
power source for the remote PD circuitry.
Not Recommended for New Designs


Similar Part No. - SLTS224B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS220 TI1-SLTS220 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
More results

Similar Description - SLTS224B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com