Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLTS224B Datasheet(PDF) 4 Page - Texas Instruments

Part # SLTS224B
Description  10-W Power-Over-Ethernet Isolated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS224B Datasheet(HTML) 4 Page - Texas Instruments

  SLTS224B Datasheet HTML 1Page - Texas Instruments SLTS224B Datasheet HTML 2Page - Texas Instruments SLTS224B Datasheet HTML 3Page - Texas Instruments SLTS224B Datasheet HTML 4Page - Texas Instruments SLTS224B Datasheet HTML 5Page - Texas Instruments SLTS224B Datasheet HTML 6Page - Texas Instruments SLTS224B Datasheet HTML 7Page - Texas Instruments SLTS224B Datasheet HTML 8Page - Texas Instruments SLTS224B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
For technical support and further information visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures. Derating limits apply to
modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 1 oz. copper.
Typical Characteristics
PTB48540B; Vo =3.3 V (See Note A)
Efficiency vs Load Current
Power Dissipation vs Load Current
Output Ripple vs Load Current
PTB48540A; Vo =5 V (See Note A)
PTB48540 Series
10-W Power-Over-Ethernet Isolated
Power Module Assembly
PTB48540C; Vo =12 V (See Note A)
Safe Operating Area (See Note B)
Efficiency vs Load Current
Power Dissipation vs Load Current
Output Ripple vs Load Current
Safe Operating Area (See Note B)
Efficiency vs Load Current
Power Dissipation vs Load Current
Output Ripple vs Load Current
Safe Operating Area (See Note B)
20
30
40
50
60
70
80
90
0.00.40.81.21.62.0
Iout (A)
400LFM
200LFM
100LFM
Nat conv
Airflow
50
60
70
80
90
100
00.2
0.4
0.6
0.8
Iout - Amps
42 V
48 V
57 V
VIN
0
20
40
60
80
100
00.2
0.4
0.6
0.8
Iout - Amps
42 V
48 V
57 V
VIN
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
Iout - Amps
42 V
48 V
57 V
VIN
20
30
40
50
60
70
80
90
0.0
0.2
0.4
0.6
0.8
Iout (A)
400LFM
200LFM
100LFM
Nat conv
Airflow
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
Iout - Amps
42 V
48 V
57 V
VIN
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2
Iout - Amps
42 V
48 V
57 V
VIN
0
0.5
1
1.5
2
2.5
0
0.4
0.8
1.2
1.6
2
Iout - Amps
42 V
48 V
57 V
VIN
50
60
70
80
90
100
00.5
11.522.5
3
Iout - Amps
42 V
48 V
57 V
VIN
0
20
40
60
80
100
00.511.522.53
Iout - Amps
42 V
48 V
57 V
VIN
0
0.5
1
1.5
2
2.5
3
00.511.522.53
Iout - Amps
42 V
48 V
57 V
VIN
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
400LFM
200LFM
100LFM
Nat conv
Airflow
SLTS224B – APRIL 2004 – REVISED JULY 2004
Not Recommended for New Designs


Similar Part No. - SLTS224B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS220 TI1-SLTS220 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
More results

Similar Description - SLTS224B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com