Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6685R Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6685R
Description  Single Device: 5A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6685R Datasheet(HTML) 3 Page - Texas Instruments

  PT6685R Datasheet HTML 1Page - Texas Instruments PT6685R Datasheet HTML 2Page - Texas Instruments PT6685R Datasheet HTML 3Page - Texas Instruments PT6685R Datasheet HTML 4Page - Texas Instruments PT6685R Datasheet HTML 5Page - Texas Instruments PT6685R Datasheet HTML 6Page - Texas Instruments PT6685R Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6680 Series
Adjusting the Output Voltage of the
PT6680 5Amp 18-36V Bus Converter Series
The output voltage of the Power Trends PT6680 Series
ISRs may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single
external resistor 1. Table 1 gives the respective allowable
adjustment range for each model in the series as V
a (min)
and V
a (max).
Adjust Up:
An increase in the output voltage is
obtained by adding a resistor R2, between pin 14 (V
o ad-
just) and pins 7-10 (GND).
Adjust Down:
Add a resistor (R1), between pin 14 (V
o
adjust) and pins 11-13 (V
out).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from V
o adjust to either GND,
V
out, or the Remote Sense pin. Any capacitance added to
the V
o adjust pin will affect the stability of the ISR.
3. If the Remote Sense feature is being used, connecting the
resistor (R1) between pin 14 (V
o adjust) and pin 1 (Remote
Sense) can benefit load regulation.
4. For output voltages above 10.0Vdc, the maximum output
current must be limited to 4Adc.
5. Adjustments to the output voltage may place additional
limits on the input voltage for the part. The revised limits
must comply with the following requirements.
V
in (min)
= (V
out + 3)V or 18V,
whichever is higher.
V
in (max)
= (10 x V
out )V or 36V,
whichever is less.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Vo – 1.25)(Va – 1.25)
(R1)
=
1.25 (Vo – Va)
– Rs
k
Ro (Vo – 1.25)
– Rs
k
R2
=
Va - Vo
Where: V
o
= Original output voltage
V
a
= Adjusted output voltage
R
o
= The resistance value in Table 1
R
s
= The series resistance from Table 1
Figure 1
Table 1
PT6680 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6682
PT6681
PT6683
PT6684
PT6686
PT6685
Vo (nom)
2.5V
3.3V
5.0V
9.0V
12.0V
15.0V
Va (min)
1.8V
2.2V
3.0V
6.0V
9.0V
10.0V
Va (max)
4.3V
4.7V
6.5V
10.2V
13.6V
17.0V
Ro (k
Ω)
4.99
4.22
2.49
2.02.02.0
Rs (k
Ω)
2.49
4.99
4.99
12.7
12.7
12.7
C
in
+
C
out
+
(R1)
Adj Down
R2
Adjust
Up
Vo
COM
COM
Vin
L
O
A
D
PT6680
11,12,13
14
7,8,9,10
4,5,6
Vin
V o
G N D
Vo(adj)
STBY
3
Vsense
1


Similar Part No. - PT6685R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6685R TI1-PT6685R Datasheet
157Kb / 6P
[Old version datasheet]   5 Amp 18-36V Input Integrated Switching Regulator
More results

Similar Description - PT6685R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
logo
Maxim Integrated Produc...
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
logo
Sanyo Semicon Device
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
TiMOTION Technology Co....
TC23 TIMOTION-TC23 Datasheet
380Kb / 4P
   Max. output 24V DC, 5A
20210302-E
logo
PHOENIX CONTACT
2800862 PHOENIX-2800862 Datasheet
108Kb / 9P
   Thermomagnetic device circuit breaker - CB TM1 5A F1P
18.01.2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com