Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6681B Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6681B
Description  Single Device: 5A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6681B Datasheet(HTML) 4 Page - Texas Instruments

  PT6681B Datasheet HTML 1Page - Texas Instruments PT6681B Datasheet HTML 2Page - Texas Instruments PT6681B Datasheet HTML 3Page - Texas Instruments PT6681B Datasheet HTML 4Page - Texas Instruments PT6681B Datasheet HTML 5Page - Texas Instruments PT6681B Datasheet HTML 6Page - Texas Instruments PT6681B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
1.8
(1.4)k
1.9
(2.9)k
2.0
(5.0)k
2.1
(8.1)k
2.2
(13.3)k
(1.0)k
2.3
(23.7)k
(2.3)k
2.4
(54.9)k
(3.9)k
2.5
(5.8)k
2.6
59.9k
(8.4)k
2.7
28.7k
(11.7)k
2.8
18.3k
(16.5)k
2.9
13.1k
(23.6)k
3.0
10.0k
(35.4)k
(1.6)k
3.1
7.9k
(59.0)k
(2.3)k
3.2
6.4k
(130.0)k
(3.1)k
3.3
5.3k
(4.0)k
3.4
4.4k
81.5k
(5.1)k
3.5
3.8k
38.3k
(6.2)k
3.6
3.2k
23.8k
(7.6)k
3.7
2.7k
16.6k
(9.1)k
3.8
2.3k
12.3k
(10.9)k
3.9
2.0k
9.4k
(13.0)k
4.01.7k
7.4k
(15.6)k
4.1
1.4k
5.8k
(18.7)k
4.2
1.2k
4.6k
(22.6)k
4.3
1.0k
3.7k
(27.6)k
4.4
2.9k
(34.2)k
4.5
2.2k
(43.6)k
4.6
1.7k
(57.6)k
4.7
1.2k
(80.9)k
4.8
(128.0)k
4.9
(268.0)k
5.0
5.1
88.4k
5.2
41.7k
5.3
26.1k
5.4
18.4k
5.5
13.7k
5.6
10.6k
5.7
8.4k
5.8
6.7k
5.9
5.4k
6.04.4k
6.1
3.5k
6.2
2.8k
6.3
2.2k
6.4
1.7k
6.5
1.2k
Table 2
PT6680 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6682
PT6681
PT6683
Series Pt #
PT6684
PT6686
PT6685
Current
5Adc
5Adc
5Adc
Current
5Adc
4Adc
4Adc
Vo (nom)
2.5Vdc
3.3Vdc
5.0Vdc
Vo (nom)
9.0Vdc
12.0Vdc
15.0Vdc
Va (req’d)
Va (req’d)
6.0
(6.9)k
6.2
(9.2)k
6.4
(11.9)k
6.6
(14.0)k
6.8
(18.6)k
7.0
(23.0)k
7.2
(28.3)k
7.4
(35.0)k
7.6
(43.5)k
7.8
(55.0)k
8.0
(71.0)k
8.2
(95.0)k
8.4
(135.0)k
8.6
(215.0)k
8.8
(455.0)k
9.0
(31.7)k
9.2
64.8k
(36.1)k
9.4
26.1k
(41.2)k
9.6
13.1k
(47.1)k
9.8
6.7k
(54.1)k
10.0
2.8k
(62.6)k
(25.8)k
10.2
0.2k
(72.8)k
(28.3)k
10.4
(85.7)k
(31.1)k
10.6
(102.0)k
(34.1)k
10.8
(124.0)k
(37.3)k
11.0
(155.0)k
(40.9)k
11.2
(201.0)k
(44.9)k
11.4
(278.0)k
(49.3)k
11.6
(432.0)k
(54.3)k
11.8
(895.0)k
(59.8)k
12.0
(66.1)k
12.2
94.8k
(73.3)k
12.4
41.1k
(81.6)k
12.6
23.1k
(91.3)k
12.8
14.2k
(103.0)k
13.08.8k
(117.0)k
13.2
5.2k
(133.0)k
13.4
2.7k
(154.0)k
13.6
0.7k
(181.0)k
13.8
(217.0)k
14.0
(268.0)k
14.2
(343.0)k
14.5
(570.0)k
15.0
15.5
42.3k
16.014.8k
16.5
5.6k
17.01.1k
R1 = (Blue)
R2 = Black
PT6680 Series


Similar Part No. - PT6681B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6681B TI1-PT6681B Datasheet
157Kb / 6P
[Old version datasheet]   5 Amp 18-36V Input Integrated Switching Regulator
More results

Similar Description - PT6681B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
logo
Maxim Integrated Produc...
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
logo
Sanyo Semicon Device
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
TiMOTION Technology Co....
TC23 TIMOTION-TC23 Datasheet
380Kb / 4P
   Max. output 24V DC, 5A
20210302-E
logo
PHOENIX CONTACT
2800862 PHOENIX-2800862 Datasheet
108Kb / 9P
   Thermomagnetic device circuit breaker - CB TM1 5A F1P
18.01.2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com