Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6621E Datasheet(PDF) 10 Page - Texas Instruments

Part # PT6621E
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6621E Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT6621E Datasheet HTML 6Page - Texas Instruments PT6621E Datasheet HTML 7Page - Texas Instruments PT6621E Datasheet HTML 8Page - Texas Instruments PT6621E Datasheet HTML 9Page - Texas Instruments PT6621E Datasheet HTML 10Page - Texas Instruments PT6621E Datasheet HTML 11Page - Texas Instruments PT6621E Datasheet HTML 12Page - Texas Instruments PT6621E Datasheet HTML 13Page - Texas Instruments PT6621E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MECHANICAL DATA
MPSI014A – MARCH 2001 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
EEK (R–PSIP–G14)
PLASTIC SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C.
D.
E. Recommended mechanical keep-out area.
F. The metal tab is isolated but electrically conductive.
No signal traces are allowed under the metal tab area.
A solid copper island is recommended, which may be
grounded.
G. Power pin connections should utilize two or more
vias per input, ground and output pin.
H. No copper, power or signal traces in this area.
2–place decimals are
" 0.030 (" 0, 76 mm).
3–place decimals are
" 0.010 (" 0, 25 mm).
1
(13,20)
0.52
0.100 (2,54) TYP.
0.017 (0,43) TYP.
0.205 (5,20)
Note E, F
Note F
0.080
(2,02)
MIN
PC LAYOUT
1.22 (30,98)
MAX.
0.38
(9,65)
(14,98)
0.59
1.71 (43,43) MAX.
2.36 (62,48) MAX.
(8,25)
0.325
2.000 (50,80)
0.61 (15,49)
0.41(10,41)
(21,08)
0.83
0.19 (4,82)
0.350 (8,89)
ø0.187 (4,74)
(30,06)
1.42
(44,95)
1.77
2.000 (50,80)
(61,46)
2.42
(4,44)
0.175
0.325 (8,25)
Hole for #6–32 screws
Note H
0.64 (16,25)
(21,84)
0.86
(34,29)
1.35
0.235 (5,97)
0.350 (8,89)
0.100 (2,54) 13 Places
0.040 (1,01) 14 Places
Note G
0.150
(3,81)
(4,32)
0.17
(2,54)
0.10
0.040 (1,01)
(0,43)
Gage Plane
0.017
TYP.
Seating Plane
MAX.
(10,66)
0.42
2 Places
4202006/B 02/02
0
°–7°
0.006 (0,15) MAX.
Suffix B


Similar Part No. - PT6621E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6621 TI-PT6621 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6621E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com