Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6511L Datasheet(PDF) 8 Page - Texas Instruments

Part # PT6511L
Description  8-A Rated Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6511L Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT6511L Datasheet HTML 3Page - Texas Instruments PT6511L Datasheet HTML 4Page - Texas Instruments PT6511L Datasheet HTML 5Page - Texas Instruments PT6511L Datasheet HTML 6Page - Texas Instruments PT6511L Datasheet HTML 7Page - Texas Instruments PT6511L Datasheet HTML 8Page - Texas Instruments PT6511L Datasheet HTML 9Page - Texas Instruments PT6511L Datasheet HTML 10Page - Texas Instruments PT6511L Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
PT6510 Series
Using the Standby Function of the PT6510
Series of Integrated Switching Regulators
The PT6510 series of power modules incorporate a
Standby function. This may be used in applications that
require power-up/shutdown sequencing, and wherever
there is a requirement for the output status of the mod-
ule to be controlled by external circuitry.
The standby function is provided by the STBY* control,
pin 3. If pin 3 is left open-circuit 1 the regulator operates
normally, and provides a regulated output whenever a
valid supply voltage is present at applied to Vin (pins 4-6)
with respect to GND (pins 7–10). Applying a ground
signal to pin 3 disables the regulator’s output and reduces
the input current to about 1 mA 4. The standby control
may also be used to hold off the regulator output during
the period that input power is applied.
Pin 3 is ideally controlled with an open-drain discrete
transistor 1 (See Figure 3-1). It may also be driven directly
from a dedicated TTL 3 compatible gate. Table 3-1 gives
the circuit parameters for the control of this input.
Table 3-1 Standby Control Requirements (2)
Parameter
Min
Typ
Max
Input Low (VIL)
–0.1 V
0.4 V
Input High (VIH)
2 V
Vin
Input Low Current (IIL)
–0.4 mA
Notes:
1 The standby control input is ideally controlled using an
open-drain discrete transistor. An external pull-up resistor
is not necessary. The open-circuit voltage of the STBY*
pin is the input voltage, Vin.
2. To ensure the regulator output is disabled, the control pin
must be pulled to less than 0.4 Vdc with a low-level
0.5-mA sink to ground.
3. The STBY* input is also compatible with a differential
output from standard TTL logic, providing the IC
shares the same supply voltage as the module.
4. When the regulator output is disabled the current drawn
from the input source is typically reduced to about 1 mA.
Figure 3-1
Turn-On Time:
In the circuit of Figure 3-1, turning Q1 on
applies a low voltage to the STBY control (pin 3) and
disables the regulator ouput. Correspondingly, turning
Q1 off removes the low-voltage signal and enables the
output. Once enabled, the output will typically experience
a 10–15 ms delay followed by a predictable ramp-up of
voltage. The regulator should provide a fully regulated
output voltage within 40 ms. The waveform of Figure 3-2
shows the output voltage and input current waveforms of
a PT6511 (3.3 V) following the turn-off of Q1. The turn
off of Q1 corresponds to the rise in Vstby. The waveforms
were measured with a 5 Vdc input voltage, and 4.5 A
resistive load.
Figure 3-2
Vstby (2 V/Div)
Vo (1 V/Div)
HORIZ SCALE: 2 ms/Div
Inhibit
V
in
V
o
COM
COM
PT6511
11–13
14
7–10
4,5,6
Vin
Vo
GND
Vo Adj
STBY
3
Vo (Sns)
1
Q1
BSS138
V
in
C
IN
C
OUT


Similar Part No. - PT6511L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6511 TI-PT6511 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
List of Unclassifed Man...
PT65112L254 ETC2-PT65112L254 Datasheet
211Kb / 3P
   Rotary code switches
More results

Similar Description - PT6511L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
   Rated current : via current transformer 1 A/5 A
November 4, 2021
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com