Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLTS100B Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS100B
Description  13-A Output Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS100B Datasheet(HTML) 2 Page - Texas Instruments

  SLTS100B Datasheet HTML 1Page - Texas Instruments SLTS100B Datasheet HTML 2Page - Texas Instruments SLTS100B Datasheet HTML 3Page - Texas Instruments SLTS100B Datasheet HTML 4Page - Texas Instruments SLTS100B Datasheet HTML 5Page - Texas Instruments SLTS100B Datasheet HTML 6Page - Texas Instruments SLTS100B Datasheet HTML 7Page - Texas Instruments SLTS100B Datasheet HTML 8Page - Texas Instruments SLTS100B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6715 Series
13-A 5V/3.3V-Input Adjustable
Integrated Switching Regulator
Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, Cin =1,000µF, Cout =330µF, and Io =Iomax)
PT6715 Series
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta =+60°C, 200LFM
0.1 (1)
—13
A
Ta =+25°C, natural convection
0.1 (1)
—13
Input Voltage Range
Vin
Over Io Range
Vo ≥ 2.5V
4.5
5.5
VDC
Vo ≤ 1.8V
3.1
5.5
Set Point Voltage Tolerance
Vo tol
±1
±1.5 (2)
%Vo
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C, Io =Iomin
±0.5
%Vo
Line Regulation
Regline
Over Vin range
±5
±10
mV
Load Regulation
Regload
Over Io range
±5
±10
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±2±3%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Io =9A
Vo =3.3V
91
Vo =2.5V
88
Vo =1.8V
85
%
Vo =1.5V
83
Vo =1.2V
78
Vo =1.0V
75
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
35
mVpp
Transient Response
ttr
5A/µs load step, 50% to 100% Iomax
50
µs
∆Vtr
Vo over/undershoot
±100
mV
Over-Current Threshold
ITRIP
Reset, followed by auto-recovery
20
32
A
Switching Frequency
ƒs
Over Vin and Io range
300
350
400
kHz
Remote On/Off (Pin 2)
Referenced to –Vin (pin 8)
Input High Voltage
VIH
+2.0
Open (3)
V
Input Low Voltage
VIL
–0.1
+0.4
Input Low Current
IIL
–0.5
mA
Standby Input Current
Iin standby
pins 2 & 8 connected
25
35
mA
External Output Capacitance
Cout
See application schematic
330
15,000
µF
External Input Capacitance
Cin
See application schematic
1,000
µF
Operating Temperature Range
Ta
Over Vin range
-40 (4)
+85 (5)
°C
Storage Temperature
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
5.4
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1ms, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2,
Suffix A
15 (6)
G’s
20-2000Hz, soldered in PCB
Suffix C
20 (6)
Weight
23
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) If the remote sense feature is not being used, connect the Remote Sense Gnd (pin 7) to GND (pin 8) for optimum output voltage accuracy.
(3) The STBY* control (pin 2) has an internal pull-up and if it is left open circuit the module will operate when input power is applied. The open-circuit
voltage is typcially 12.6V, and maybe as high as 15V. Consult the related application note for other interface considerations.
(4) For operation below 0°C, Cin and Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(5) See Safe Operating Area curves or contact the factory for the appropriate derating.
(6) The case pins on through-hole package types (suffixes N & A) must be soldered. For more information consult the applicable package outline drawing.
Input/Output Capacitors:
The PT6715 series requires a 1,000µF electrolytic (or tantalum) capacitor at the input and 330µF at the output for proper operation in
all applications. In addition, the input capacitance, Cin, must be rated for a minimum of 2Arms of ripple current. For transient or dynamic load applications
additional capacitance may be necessary. For more information consult the related application note on capacitor recommendations.
Input Inductor:
An input filter inductor is optioinal for most applications. The inductor must be sized to handle 10ADC with a typical value of 1µH.


Similar Part No. - SLTS100B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
SLTS103B TI1-SLTS103B Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
SLTS109B TI1-SLTS109B Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
More results

Similar Description - SLTS100B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
STMicroelectronics
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
   4 A DC output current
June 2012 Rev 1
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
   3 A DC output current
logo
Texas Instruments
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
logo
Renesas Technology Corp
SLG59H1019V RENESAS-SLG59H1019V Datasheet
2Mb / 44P
   A 13 mΩ, 5 A, Load Switch with Soft-start, Protection Features, and MOSFET Current Monitor Output
2-Feb-2022
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com