Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6604 Datasheet(PDF) 7 Page - Texas Instruments

Part # PT6604
Description  Single Device 9A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6604 Datasheet(HTML) 7 Page - Texas Instruments

  PT6604 Datasheet HTML 1Page - Texas Instruments PT6604 Datasheet HTML 2Page - Texas Instruments PT6604 Datasheet HTML 3Page - Texas Instruments PT6604 Datasheet HTML 4Page - Texas Instruments PT6604 Datasheet HTML 5Page - Texas Instruments PT6604 Datasheet HTML 6Page - Texas Instruments PT6604 Datasheet HTML 7Page - Texas Instruments PT6604 Datasheet HTML 8Page - Texas Instruments PT6604 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Feb-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PT6605L
LIFEBUY SIP MODULE
EEL
14
TBD
Call TI
Call TI
PT6605M
LIFEBUY SIP MODULE
EEM
14
TBD
Call TI
Call TI
PT6605P
LIFEBUY SIP MODULE
EED
14
TBD
Call TI
Call TI
PT6605Q
LIFEBUY SIP MODULE
EEQ
14
TBD
Call TI
Call TI
PT6605R
LIFEBUY SIP MODULE
EEE
14
TBD
Call TI
Call TI
PT6606F
LIFEBUY SIP MODULE
EEF
14
TBD
Call TI
Call TI
PT6606L
LIFEBUY SIP MODULE
EEL
14
TBD
Call TI
Call TI
PT6606M
LIFEBUY SIP MODULE
EEM
14
TBD
Call TI
Call TI
PT6606Q
LIFEBUY SIP MODULE
EEQ
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - PT6604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6604 TI-PT6604 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Microsemi Corporation
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
List of Unclassifed Man...
CH7301A ETC-CH7301A Datasheet
485Kb / 30P
   Chrontel CH7301 DVI Output Device
CH7012 ETC-CH7012 Datasheet
551Kb / 42P
   Chrontel CH7012 TV Output Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com