Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6611 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6611
Description  Single Device 9A Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6611 Datasheet(HTML) 2 Page - Texas Instruments

  PT6611 Datasheet HTML 1Page - Texas Instruments PT6611 Datasheet HTML 2Page - Texas Instruments PT6611 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.ti.com/powertrends
For assistance or to order, call (800) 531-5782
CHARACTERISTIC
DA T A
0
5
10
15
20
25
30
0
1234
5678
9
5.5V
5.0V
4.5V
Vin
Series
PT6610
Safe Operating Area Curves ( Vin=+5.0V) (See Note B)
PT6613D (Horizontal)
CHARACTERISTIC
DA T A
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT6613, 2.5 VDC
(See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
Specifications (Continued)
Characteristics
PT6610 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
7.5
G’s
20-2000 Hz, soldered in a PC board
Weight
14
grams
Notes:
(1) The PT6610 Series requires two 330µF electrolytic capacitors (input and output) for proper operation in all applications. The input capacitance must be
rated for a minimum of 1.1Arms of ripple current. See the application note, PT6500/6600 Series Capacitor Recommendations.
(2) ISR will operate down to no load with reduced specifications.
(3) For operation below 0°C, use tantalum capacitors for CIN and COUT.
(4) See Safe Operating Curves, or contact the factory for the appropriate derating.
Ripple vs Output Current
Iout-(Amps)
40
50
60
70
80
90
100
0123
4567
89
IOUT (A)
4.5V
5.0V
5.5V
VIN
0
1
2
3
4
5
6
01
23
456
78
9
IOUT (A)
4.5V
5.0V
5.5V
VIN
20
30
40
50
60
70
80
90
01
23456789
Output Current (A)
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - PT6611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6611 TI-PT6611 Datasheet
70Kb / 3P
[Old version datasheet]   9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Microsemi Corporation
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
List of Unclassifed Man...
CH7301A ETC-CH7301A Datasheet
485Kb / 30P
   Chrontel CH7301 DVI Output Device
CH7012 ETC-CH7012 Datasheet
551Kb / 42P
   Chrontel CH7012 TV Output Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com