Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4414EUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4414EUA
Description  Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4414EUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4414EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4414EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Low-Power, +3V/+5V, 400MHz Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC - VOH
0.085
0.375
RL = 10k
VOL - VEE
0.015
0.100
VCC - VOH
0.105
0.400
RL = 1k
VOL - VEE
0.035
0.125
VCC - VOH
0.385
VCC = +5V
RL = 150
VOL - VEE
0.150
VCC - VOH
0.060
0.365
RL = 10k
VOL - VEE
0.010
0.090
VCC - VOH
0.075
0.390
RL = 1k
VOL - VEE
0.025
0.115
VCC - VOH
0.275
Output Voltage Swing
VOUT
VCC = +3V
RL = 150
VOL - VEE
0.070
V
Output Current
IOUT
RL = 20
Ω connected to VCC or VEE,
VCC = +5V
±25
±75
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±85
mA
Power-Supply Rejection Ratio
PSRR
VCC = +2.7V to +5.5V, VCM = 0, VOUT = 2V
60
77
dB
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VCM = VCC/2 - 0.75V, VEE = 0, RL = ∞ to VCC/2, VOUT = VCC/2, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, VCM = +1.75V, RL = 1k
Ω connected to VCC/2, CL = 5pF, AVCL = +1V/V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4414/MAX4416/
MAX4418, AV = +1V/V
400
Small Signal -3dB Bandwidth
BWSS
VOUT = 100mVp-p
MAX4415/MAX4417/
MAX4419, AV = +5V/V
150
MHz
MAX4414/MAX4416/
MAX4418, AV = +1V/V
32
Large Signal -3dB Bandwidth
BWLS
VOUT = 2Vp-p
MAX4415/MAX4417/
MAX4419, AV = +5V/V
75
MHz
MAX4414/MAX4416/
MAX4418, AV = +1V/V
43
VOUT = 100mVp-p
MAX4415/MAX4417/
MAX4419, AV = +5V/V
16
MAX4414/MAX4416/
MAX4418, AV = +1V/V
22
Bandwidth for 0.1dB Flatness
BW0.1dB
VOUT = 2Vp-p
MAX4415/MAX4417/
MAX4419, AV = +5V/V
28
MHz


Similar Part No. - MAX4414EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4410 MAXIM-MAX4410 Datasheet
122Kb / 4P
   No DC-Blocking Capacitors Required
Rev. 0; 7/02
MAX4410EUD MAXIM-MAX4410EUD Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4410EVKIT MAXIM-MAX4410EVKIT Datasheet
122Kb / 4P
   No DC-Blocking Capacitors Required
Rev. 0; 7/02
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results

Similar Description - MAX4414EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4452 MAXIM-MAX4452 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com