Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6516G Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6516G
Description  8-A Rated Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6516G Datasheet(HTML) 5 Page - Texas Instruments

  PT6516G Datasheet HTML 1Page - Texas Instruments PT6516G Datasheet HTML 2Page - Texas Instruments PT6516G Datasheet HTML 3Page - Texas Instruments PT6516G Datasheet HTML 4Page - Texas Instruments PT6516G Datasheet HTML 5Page - Texas Instruments PT6516G Datasheet HTML 6Page - Texas Instruments PT6516G Datasheet HTML 7Page - Texas Instruments PT6516G Datasheet HTML 8Page - Texas Instruments PT6516G Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Application Notes
For technical support or further information, visit http://power.ti.com
PT6510 Series
Using the PT6510 Series as a Replacement for the
PT6500 Series in Existing Designs
Scope
The PT6510 series of power modules is the recommended
plug-in replacement for PT6500 series parts. The PT6510
series uses the same single-in-line package (SIP) outlines
and footprint as the PT6500 series, and was designed to be
functionally identical to the PT6500. This application
note highlights the differences in electrical performance
between a PT6510 series replacement compared to an
original PT6500 series part.
Overview
The features that the PT6510 series share with the
PT6500 series includes the output current rating, thermal
shutdown, and on/off standby. The input voltage range,
output voltage adjustment, and output voltage options
are also the same. In addition, applications that use the
PT6510 series as a replacement will experience a number
of performance enhancements. These include improved
efficiency and power dissipation, lower in-rush current
and output ripple voltage. The ‘off’ standby current is
also significantly reduced. Table 1-1 provides a cross
reference between the current PT6500 series part num-
bers and their equivalent PT6510 series part.
Table 1-1; PT6500 / PT6510 Series Equivalent Parts
PT6500 Series
VOUT
PT6510 Series
PT6501
3.3 V
PT6511
PT6502
1.5 V
PT6512
PT6503
2.5 V
PT6513
PT6504
3.6 V
PT6514
PT6505
1.2 V
PT6515
PT6506
1.8 V
PT6516
Electrical and Functional Differences
Although the PT6510 series was designed as a drop-in
replacement for PT6500 series, there are minor differences
in the electrical characteristics. These are described in the
following text and should be used to assess the replace-
ment part’s compatibility with the system or end product.
A replacement part’s compatibility with the system can
be further verified with appropriate board-level tests.
On/Off Standby: The Standby input of the PT6510 series
is compatible with both the logic polarity and thresholds
of PT6500 series. One exception is the internal pull-up
voltage, which is slightly higher on the PT6510 parts.
The open-circuit voltage for the PT6510 series is the
input voltage, Vin, versus about 1 V for the PT6500 series.
This should not be a problem if the standby input is
controlled with an open-drain transistor with a sufficient
max-Vds rating.
Over-Current & Over-Temperature Protection:
To protect against short circuits and load impedance
faults, the PT6500 employs a constant output current
limit combined with over-temperature shutdown. The
PT6500 will feed a limited steady-state current into a
load fault. When limiting output current, the PT6500
exhibits higher power dissipation, which increases the
module's operating temperature. When its internal tem-
perature rises above the over-temperature threshold, the
module will shut itself down for a few seconds. The
module will then continue to periodically shut down until
the load fault is removed.
The over-current protection mechanism of the PT6510
series is different. If the output current increases above
the modules over-current threshold, its output voltage
is momentarily turned off. It then attempts to recover
by executing a soft-start power up. The module will
continue in a rapid succession of shutdowns and restarts
until the load fault is removed. During this period the
output current is not steady state, but a series of short
high-amplitude pulses (frequency <100 Hz). However,
when operating into a short-circuit load fault, the average
output current and power dissipation are significantly
lower than under normal operation.
Power-Up Characteristic: Following the application of a
valid input source, the PT6510 series modules exhibit a
slightly longer time delay than the equivalent PT6500
series part. The PT6510 series has a soft-start power-up
feature, which lowers the in-rush current at its input.
Figure 1-1 and Figure 1-2 show the power-up charac-
teristics of the PT6501 and PT6511 respectively. Both
modules have a 3.3-V regulated output, and rise to their
regulated output voltage in a similar period. Note that
the output voltage of the PT6501 begins to rise when
the input voltage reaches 2.2 V, whereas the output voltage
of the PT6511 doesn’t begin to rise until the input voltage
has reached 3.5 V.


Similar Part No. - PT6516G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6516 TI-PT6516 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results

Similar Description - PT6516G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
   Rated current : via current transformer 1 A/5 A
November 4, 2021
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com