Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6515N Datasheet(PDF) 7 Page - Texas Instruments

Part # PT6515N
Description  8-A Rated Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6515N Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT6515N Datasheet HTML 3Page - Texas Instruments PT6515N Datasheet HTML 4Page - Texas Instruments PT6515N Datasheet HTML 5Page - Texas Instruments PT6515N Datasheet HTML 6Page - Texas Instruments PT6515N Datasheet HTML 7Page - Texas Instruments PT6515N Datasheet HTML 8Page - Texas Instruments PT6515N Datasheet HTML 9Page - Texas Instruments PT6515N Datasheet HTML 10Page - Texas Instruments PT6515N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Notes
For technical support or further information, visit http://power.ti.com
Table 2-1: Suggested Input/Output Capacitors
N/R –Not recommended. The ripple current rating and ESR does not meet the requirements.
Capacitor Recommendations for
the PT6510 Series of
Integrated Switching Regulators
Input Capacitors:
The recommended input capacitance is determined by
330 µF minimum value (300 µF for Oscon or low-ESR
tantalum types), and 1 A minimum ripple current rating.
Ripple current and less than 100 m
Ω equivalent series
resistance (ESR) are the major parameters, along with
temperature, when selecting an input capacitor. Tanta-
lum capacitors have a recommended minimum voltage
rating of twice 2
× (max. DC voltage + AC ripple). This
is standard practice to insure reliability.
Output Capacitors:
The ESR of the required output capacitor must not be
greater than 150 m
Ω. Electrolytic capacitors have poor
ripple performance at frequencies greater than 400 kHz
but excellent low-frequency transient response. Above
the ripple frequency, ceramic capacitors are necessary to
improve the transient response and reduce any high
frequency noise components apparent during higher
current excursions. Preferred low-ESR type capacitor
part numbers are identified in Table 2-1.
Tantalum Capacitors
Tantalum type capacitors may be used for the output but
only the AVX TPS, Sprague 593D/594/595, or Kemet
T495/T510 series. These capacitors are recommended
over many other tantalum types due to their higher rated
surge, power dissipation, and ripple current capability.
As a caution the TAJ series by AVX is not recommended.
This series has considerably higher ESR, reduced power
dissipation, and lower ripple current capability. The TAJ
series is less reliable than the AVX TPS series when
determining power dissipation capability. Tantalum or
Oscon types are recommended for applications where
ambient temperatures fall below 0 °C.
Capacitor Table
Table 2-1 identifies the characteristics of capacitors from
a number of vendors with acceptable ESR and ripple
current (rms) ratings. The number of capacitors required
at both the input and output buses is identified for each
capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(at 100 kHz) are critical parameters necessary to insure both
optimum regulator performance and long capacitor life.
r
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
R
S
E
.
x
a
M
z
H
k
0
0
1
t
a
e
l
p
p
i
R
.
x
a
M
C
°
5
8
t
a
t
n
e
r
r
u
C
)
s
m
r
I
(
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
C
F
V
5
2
V
5
3
V
5
3
F
µ
0
6
5
F
µ
0
9
3
F
µ
0
3
3
5
6
0
0
.
0
5
6
0
.
0
7
1
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
5
5
5
5
1
x
5
.
2
1
5
1
x
5
.
2
1
5
.
1
1
x
8
1
2
R
/
N
1
1
1
S
1
6
5
E
1
C
F
U
E
E
S
1
9
3
V
1
C
F
U
E
E
1
3
3
C
1
C
F
U
E
E
d
e
t
i
n
U
n
o
C
-
i
m
e
h
C
/
S
F
/
V
X
L
Z
X
L
V
6
1
V
5
3
V
0
1
V
0
2
F
µ
0
3
3
F
µ
0
7
4
F
µ
0
3
3
F
µ
0
5
1
0
2
1
.
0
2
5
0
.
0
5
2
0
.
0
0
3
0
.
0
÷2 Ω
A
m
5
5
5
A
m
0
2
2
1
A
m
0
0
5
3
A
m
0
0
2
3
2
1
x
8
0
2
x
0
1
5
.
0
1
x
0
1
5
.
0
1
x
0
1
R
/
N
1
1
2
1
1
1
2
L
L
2
1
X
8
M
1
3
3
B
V
6
1
Z
X
L
L
L
0
2
X
0
1
M
1
7
4
B
V
5
3
Z
X
L
M
0
3
3
S
F
0
1
M
0
5
1
S
F
0
2
n
o
c
i
h
c
i
N
M
P
/
L
P
V
5
3
V
5
3
V
0
5
0
6
5F
µ
0
3
3F
µ
0
7
4F
µ
8
4
0
.
0
5
6
0
.
0
÷2 Ω
6
4
0
.
0
A
m
0
6
3
1
A
m
0
2
0
1
A
m
0
7
4
1
5
1
x
6
1
5
1
x
5
.
2
1
5
1
x
8
1
1
1
1
1
1
1
6
H
H
M
1
6
5
V
1
L
P
U
6
H
H
M
1
3
3
V
1
L
P
U
6
H
H
M
1
1
7
4
H
1
M
P
U
c
i
n
o
s
a
n
a
P
C
F
)
g
t
M
e
c
a
f
r
u
S
(
V
0
1
V
5
3
V
6
1
0
0
0
1F
µ
0
3
3F
µ
0
3
3F
µ
3
4
0
.
0
5
6
0
.
0
0
5
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
0
7
6
5
.
6
1
x
2
1
6
1
x
5
.
2
1
2
.
0
1
x
0
1
1
1
R
/
N
1
1
1
Q
L
2
0
1
A
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
P
1
3
3
C
1
C
F
V
E
E
S
S
-
n
o
c
s
O
V
S
V
0
1
V
0
1
V
0
2
0
3
3F
µ
F
µ
0
3
3
0
5
1F
µ
5
2
0
.
0
5
2
0
.
0
4
2
0
.
0
÷2 Ω
A
m
0
0
5
3
>
A
m
0
0
8
3
>
A
m
0
0
6
3
5
.
0
1
x
0
.
0
1
3
.
0
1
x
3
.
0
1
3
.
0
1
x
3
.
0
1
1
1
2
1
1
2
M
0
3
3
S
S
0
1
M
0
3
3
V
S
0
1
M
0
5
1
V
S
0
2
t
n
u
o
M
e
c
a
f
r
u
S
=
V
S
X
V
A
m
u
l
a
t
n
a
T
S
P
T
V
0
1
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
3
3
F
µ
0
2
2
0
0
1
.
0
÷2 Ω
0
0
1
.
0
÷2 Ω
5
9
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
A
m
0
0
0
2
>
x
L
3
.
7
x
W
3
.
4
H
1
.
4
2
2
2
1
1
2
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
0
0
1
0
R
5
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K
/
0
1
5
T
5
9
4
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
3
3
0
.
0
7
0
.
0
÷
5
3
0
.
0
=
2
A
m
0
0
4
1
A
m
0
0
0
2
>
W
7
.
5
x
L
3
.
7
H
0
.
4
x
2
2
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
T
S
A
0
1
0
M
7
2
2
X
5
9
4
T
e
u
g
a
r
p
S
D
4
9
5
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
5
4
0
.
0
5
6
0
.
0
A
m
0
5
3
2
A
m
0
0
0
2
>
x
L
3
.
7
x
W
0
.
6
H
1
.
4
2
2
1
2
T
2
R
0
1
0
0
X
7
3
3
D
4
T
2
D
0
1
0
0
X
7
2
2
D
4
9
5
PT6510 Series


Similar Part No. - PT6515N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6515 TI-PT6515 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results

Similar Description - PT6515N

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
   Rated current : via current transformer 1 A/5 A
November 4, 2021
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com