Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6446A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6446A
Description  6A Output Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6446A Datasheet(HTML) 3 Page - Texas Instruments

  PT6446A Datasheet HTML 1Page - Texas Instruments PT6446A Datasheet HTML 2Page - Texas Instruments PT6446A Datasheet HTML 3Page - Texas Instruments PT6446A Datasheet HTML 4Page - Texas Instruments PT6446A Datasheet HTML 5Page - Texas Instruments PT6446A Datasheet HTML 6Page - Texas Instruments PT6446A Datasheet HTML 7Page - Texas Instruments PT6446A Datasheet HTML 8Page - Texas Instruments PT6446A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT6440 Series
6-A 5-V/3.3-V Input Adjustable
Integrated Switching Regulator
50
60
70
80
90
100
01
234
56
Iout (A)
PT6441
PT6442
PT6443
PT6444
PT6445
PT6446
PT6447
0
0.5
1
1.5
2
2.5
0123456
Iout (A)
PT6441/2
PT6443/4
PT6445/6
PT6447
0
0.5
1
1.5
2
2.5
0
1
2
3456
Iout (A)
PT6442/3/4
PT6445/6
PT6447
0
10
20
30
40
50
60
0123456
Iout (A)
PT6446
PT6443
PT6444
PT6442
PT6445
PT6441
PT6447
0
10
20
30
40
50
60
0123456
Iout (A)
PT6446
PT6447
PT6445
PT6444
PT6443
PT6442
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Efficiency Vs Output Current
PT6440 Series Performance; @VIN =5.0V (See Note A)
Ripple Vs Output Current
Power Dissipation Vs Output Current
Efficiency Vs Output Current
PT6440 Series Performance; @VIN =3.3V (See Note A)
Safe Operating Area Curves (See Note B)
PT6440 Series, VIN =3.3V
Power Disspiation Vs Output Current
Ripple Vs Output Current
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Safe Operating Area Curves (See Note B)
PT6440 Series, VIN =5.0V
50
60
70
80
90
100
0123456
Iout (A)
PT6442
PT6443
PT6444
PT6445
PT6446
PT6447


Similar Part No. - PT6446A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6446A TI1-PT6446A Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6446A

ManufacturerPart #DatasheetDescription
logo
Ericsson
PME4118TP ERICSSON-PME4118TP Datasheet
719Kb / 29P
   6A output current
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
NSR006A0X4Z LINEAGEPOWER-NSR006A0X4Z Datasheet
457Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com