Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6467 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6467
Description  14 A Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6467 Datasheet(HTML) 5 Page - Texas Instruments

  PT6467 Datasheet HTML 1Page - Texas Instruments PT6467 Datasheet HTML 2Page - Texas Instruments PT6467 Datasheet HTML 3Page - Texas Instruments PT6467 Datasheet HTML 4Page - Texas Instruments PT6467 Datasheet HTML 5Page - Texas Instruments PT6467 Datasheet HTML 6Page - Texas Instruments PT6467 Datasheet HTML 7Page - Texas Instruments PT6467 Datasheet HTML 8Page - Texas Instruments PT6467 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6460 & PT6470 Series
Output Remote Sense
The (+)Sense pin allows the regulator to compensate for
limited amounts of ‘IR’ voltage drop in the positive output
connection resistance. This is the voltage drop incurred
in the PCB trace between Vout (pins 9 & 10) of the regu-
lator and the load some distance away. Connecting (+)Sense
to the positive load terminal improves the voltage regu-
lation at the load, particularly when the load current
fluctuates. Although not recommended, leaving (+)Sense
disconnected will not damage the regulator or the load
circuitry. An internal 10
Ω resistor, connected between
the sense pin and the output, keeps the output voltage in
regulation.
With the sense pin connected, the difference between
the voltage measured between Vout and GND at the
regulator, and that measured from (+)Sense to GND, is
the amount of IR drop being compensated by the regula-
tor. This should be limited to 0.3 V maximum.
Note: The remote sense feature is not designed to compensate
for the forward drop of non-linear or frequency dependent
components that may be placed in series with the converter
output. Examples include OR-ing diodes, filter inductors,
ferrite beads, and fuses. When these components are enclosed
by the remote sense connections they are effectively placed
inside the regulation control loop, which can adversely affect
the stability of the regulator.
Pre-Bias Startup
In complex digital systems an external voltage can some-
times be present at the output of the regulator during
power up. For example, this voltage may be backfed
through a dual-supply logic component such as an FPGA
or ASIC. Another path might be via a clamp diode (to a
lower supply voltage) as part of a power-up sequencing
implementation.
Although the PT6460 (5-V input) and PT6470 (3.3-V
input) series of regulators will sink current under steady-
state conditions, they will not do so during startup. This
feature allows these regulators to start up while an external
voltage is simultaneously applied to the output. To facilitate
this feature the input voltage must always be greater than
or equal to the output voltage throughout the power-up
and power-down sequence. Startup includes both the
application of a valid input source voltage, or the removal
of a ground signal from the Inhibit* control (pin 1) with
a valid input source applied. The output of the regulator
is also effectively off (tri-state), during the period that
the Inhibit* control is held low.
Note: If the pre-bias is greater than the nominal regulation
voltage, the module will begin sinking current at the end of its
soft-start power-up sequence. This could overstress the regulator if
the current exceeds its rated output.
Over-Current Protection
To protect against load faults, these ISRs incorporate
output over-current protection. Applying a load that
exceeds the over-current threshold (see data sheet speci-
fications) will cause the regulated output to shut down.
Following shutdown the ISR will periodically attempt to
recover by initiating a soft-start power-up. This is often
described as a “hiccup” mode of operation, whereby the
module continues in a cycle of successive shutdown and
power up until the load fault is removed. During this
period, the average current flowing into the fault is
significantly reduced. Once the fault is removed, the
converter automatically recovers and returns to normal
operation.
Operating Features and System Considerations
for the PT6460 & PT6470 Regulator Series
The PT6460 (5-V input) and the PT6470 (3.3-V input)
series of integrated switching regulators (ISRs) provide
step-down voltage conversion for output loads of up to
14 A.
Power up & Soft-Start Timing
Following either the application of a valid input source
voltage, or the removal of a ground signal to the Inhihit*
control pin (with input power applied), the regulator will
initiate a soft-start power up. A soft start slows the rate at
which the output voltage rises and introduces a short time
delay, td (approximately 2 ms), into the power-up sequence.
Figure 1-1 shows the power-up characteristic of a PT6464
(5-V input, 1.8-V output) with a 8.5-A load.
Vo (1V/Div)
Iin (2A/Div)
Vin (2V/Div)
HORIZ SCALE: 5ms/Div
t
d
Figure 1-1


Similar Part No. - PT6467

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6467 TI-PT6467 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6467

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
logo
Analog Devices
AD5770R AD-AD5770R Datasheet
2Mb / 59P
   6-Channel, 14-Bit, Current Output DAC
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
STMicroelectronics
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
   4 A DC output current
June 2012 Rev 1
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
   3 A DC output current
logo
Texas Instruments
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
logo
Analog Devices
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com