Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC08MT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC08MT1
Description  SENSITIVE GATE TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC08MT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC08MT1 Datasheet HTML 1Page - ON Semiconductor MAC08MT1 Datasheet HTML 2Page - ON Semiconductor MAC08MT1 Datasheet HTML 3Page - ON Semiconductor MAC08MT1 Datasheet HTML 4Page - ON Semiconductor MAC08MT1 Datasheet HTML 5Page - ON Semiconductor MAC08MT1 Datasheet HTML 6Page - ON Semiconductor MAC08MT1 Datasheet HTML 7Page - ON Semiconductor MAC08MT1 Datasheet HTML 8Page - ON Semiconductor MAC08MT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAC08BT1, MAC08MT1
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
PCB Mounted per Figure 1
R
θJA
156
°C/W
Thermal Resistance, Junction to Tab
Measured on MT2 Tab Adjacent to Epoxy
R
θJT
25
°C/W
Maximum Device Temperature for Soldering Purposes
(for 10 Seconds Maximum)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 110°C
IDRM,
IRRM
10
200
µA
µA
ON CHARACTERISTICS
Peak On–State Voltage(1)
(IT = "1.1 A Peak)
VTM
1.9
Volts
Gate Trigger Current (Continuous dc) All Quadrants
(VD = 12 Vdc, RL = 100 Ω)
IGT
10
mA
Holding Current (Continuous dc)
(VD = 12 Vdc, Gate Open, Initiating Current = "20 mA)
IH
5.0
mA
Gate Trigger Voltage (Continuous dc) All Quadrants
(VD = 12 Vdc, RL = 100 Ω)
VGT
2.0
Volts
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Commutation Voltage
(f = 250 Hz, ITM = 1.0 A, Commutating di/dt = 1.5 A/mS
On–State Current Duration = 2.0 mS, VDRM = 200 V,
Gate Unenergized, TC = 110°C,
Gate Source Resistance = 150
Ω, See Figure 10)
(dv/dt)c
1.5
V/
µs
Critical Rate–of–Rise of Off State Voltage
(Vpk = Rated VDRM, TC= 110°C, Gate Open, Exponential Method)
dv/dt
10
V/
µs
(1) Pulse Test: Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.


Similar Part No. - MAC08MT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC08MT1 MOTOROLA-MAC08MT1 Datasheet
205Kb / 5P
   TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
logo
ON Semiconductor
MAC08MT1 ONSEMI-MAC08MT1 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
logo
Guangdong Kexin Industr...
MAC08MT1 KEXIN-MAC08MT1 Datasheet
209Kb / 5P
   Sensitive Gate Triacs
logo
ON Semiconductor
MAC08MT1G ONSEMI-MAC08MT1G Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results

Similar Description - MAC08MT1

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com