Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6510 Datasheet(PDF) 9 Page - Texas Instruments

Part # PT6510
Description  8-A Rated Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6510 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT6510 Datasheet HTML 3Page - Texas Instruments PT6510 Datasheet HTML 4Page - Texas Instruments PT6510 Datasheet HTML 5Page - Texas Instruments PT6510 Datasheet HTML 6Page - Texas Instruments PT6510 Datasheet HTML 7Page - Texas Instruments PT6510 Datasheet HTML 8Page - Texas Instruments PT6510 Datasheet HTML 9Page - Texas Instruments PT6510 Datasheet HTML 10Page - Texas Instruments PT6510 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Notes
For technical support or further information, visit http://power.ti.com
PT6510 Series
Adjusting the Output Voltage of the
PT6510 5V/3.3V Bus Converters
The output voltage of the PT6510 series switching regula-
tors may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single
external resistor. Table 4-1 gives the allowable adjust-
ment range for each model in the series as Va (min) and
Va (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor R2, between Vo Adjust (pin 14) and
GND (pins 7-10).
Adjust Down:
Add a resistor (R1), between Vo Adjust
(pin 14) and Vout (pins 11-13).
Refer to Figure 4-1 and Table 4-2 for both the placement and
value of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1 % resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as
possible.
2. Never connect capacitors from Vo Adjust to either
GND, Vout, or the Vo Sense pin. Any capacitance
added to the Vo Adjust pin will affect the stability of
the ISR.
3. If the remote sense feature is used, connecting the
resistor (R1) between Vo Adjust (pin 14) and Vo Sense
(pin 1) can benefit load regulation.
4. The minimum input voltage required by the part is
Vout + 1.2 or Vin(min) from Table 4-1, whichever is
higher.
Figure 4-1
The values of (R
1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Va – 1.0)
(R1)
=
(Vo – Va)
– Rs k
Ro
– Rs
k
R2
=
Va - Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value in Table 4-1
Rs = The series resistance from Table 4-1
Table 4-1
PT6510 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6515
PT6512
PT6516
PT6513
PT6511
PT6514
Vo (nom)
1.2
1.5
1.8
2.5
3.3
3.6
Va (min)
1.14
1.27
1.4
1.8
2.25
2.5
Va (max)
2.35
2.65
2.95
3.5
4.2
4.3
Ro (k
Ω)
2.49
2.49
2.49
4.99
12.1
10
Rs (k
Ω)
2
2
2
4.22
12.1
12.1
Vin(min)
3.1
3.1
3.1
4.5
4.5
4.5
C
in
+
C
out
+
(R1)
Adj Down
R2
Adjust Up
V
out
COM
Vin
COM
PT6510
11–13
14
7–10
4–6
V
in
V
out
GND
V
o(adj)
STBY
3
V
o(Sense)
1
L
O
A
D


Similar Part No. - PT6510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
List of Unclassifed Man...
PT65101 ETC2-PT65101 Datasheet
126Kb / 3P
   4 actuator types
PT65101 ETC2-PT65101 Datasheet
211Kb / 3P
   Rotary code switches
PT65101L254 ETC2-PT65101L254 Datasheet
126Kb / 3P
   4 actuator types
PT65101L254 ETC2-PT65101L254 Datasheet
211Kb / 3P
   Rotary code switches
More results

Similar Description - PT6510

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
   Rated current : via current transformer 1 A/5 A
November 4, 2021
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com