Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4508A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4508A
Description  1500 VDC Isolation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4508A Datasheet(HTML) 1 Page - Texas Instruments

  PT4508A Datasheet HTML 1Page - Texas Instruments PT4508A Datasheet HTML 2Page - Texas Instruments PT4508A Datasheet HTML 3Page - Texas Instruments PT4508A Datasheet HTML 4Page - Texas Instruments PT4508A Datasheet HTML 5Page - Texas Instruments PT4508A Datasheet HTML 6Page - Texas Instruments PT4508A Datasheet HTML 7Page - Texas Instruments PT4508A Datasheet HTML 8Page - Texas Instruments PT4508A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
Input Voltage Range:
18V to 40V
20W Rated
Output Voltages: 1.2V to 15V
82% Efficiency
1500 VDC Isolation
Low Profile (8.5 mm)
Adjustable Output Voltage
PT4500 Series
20-W 24-V Input Isolated
DC/DC Converter
SLTS153B - JUNE 2000 - REVISED OCTOBER 2002
Ordering Information
PT4501
H = 3.3V/5A (16.5W)
PT4502
H = 5.0V/4A
PT4503
H = 12V/1.6A
PT4504
H = 15V/1.3A
PT4506
H = 1.5V/5A (7.5W)
PT4507
H = 1.8V/5A (9W)
PT4508
H = 2.5V/5A (12.5W)
PT4509
H = 1.2V/5A (6W)
Pin-Out Information
Pin
Function
1
Remote On/Off *
2–Vin
3–Vin
4+Vin
5+Vin
6
Remote Sense (–)
7
–Vout
8
–Vout
9
+Vout
10
+Vout
11
Remote Sense (+)
12
Vout Adjust *
* For further information, see
application notes.
Description
The PT4500 Excalibur™ power modules
are a series of isolated DC/DC converters
housed a new space-saving copper case. The
series includes a number of standard output
voltages ranging from as low as 1.2VDC to
15VDC, each adjustable by up to 10% of
nominal. The modules are ideal for Telecom,
Industrial, Computer, and other distributed
power applications that require input-to-output
isolation.
Using multiple modules, system designers
can implement a complete custom power supply
solution. The flexibility of full isolation also
allows the input or output to be configured for
negative voltage operation.
The PT4500 series is electrically equivalent
to the popular PT4140 series and requires no
additional components for proper operation.
On/Off Control
Differential Remote Sense
Short Circuit Protection
Over Temperature Shutdown
Space Saving Package:
1.0 sq. in. PCB Area (Suffix N)
4×106 Hrs MTBF
PT4500
LOAD
4, 5
2, 3
1
9, 10
7, 8
11
6
12
Remote Sense (–)
Remote Sense (+)
+V
OUT
–V
OUT
V
OAdj
+V
IN
–V
IN
Remote
On/Off
Q
1
BSS138
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ELJ)
Horizontal
A
(ELK)
SMD
C
(ELL)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Not Recommended For New Designs


Similar Part No. - PT4508A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4508 TI-PT4508 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
More results

Similar Description - PT4508A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
   1500 Vdc isolation test voltage
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com