Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6420 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6420
Description  Adjustable Output Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6420 Datasheet(HTML) 3 Page - Texas Instruments

  PT6420_14 Datasheet HTML 1Page - Texas Instruments PT6420_14 Datasheet HTML 2Page - Texas Instruments PT6420_14 Datasheet HTML 3Page - Texas Instruments PT6420_14 Datasheet HTML 4Page - Texas Instruments PT6420_14 Datasheet HTML 5Page - Texas Instruments PT6420_14 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6420 Series
Adjusting the Output Voltage of the PT6420 Series
3AMP 5V Bus Converters
The output voltage of the Power Trends PT6420 Series
ISRs may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single
external resistor. Table 1 accordingly gives the allowable
adjustment range for each model in the series as V
a (min)
and V
a (max).
Adjust Up:
(See note 1) An increase in the output voltage
is obtained by adding a resistor R1, between pin 14 (V
o
adjust) and pins 11-13 (V
out).
Adjust Down:
(See note 1) Add a resistor (R2), between
pin 14 (V
o adjust) and pins 7-10 (GND).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor; either R1 or (R2) as appropriate.
Notes:
1. The direction in which each resistor adjusts the output of
the PT6420 series differs from many other Power Trends
products. These output voltage adjustment notes are
therefore specific only to the PT6420 models.
2. Use only a single 1% resistor in either the R1 or (R2)
location. Place the resistor as close to the ISR as possible.
3. Never connect capacitors from V
o adjust to either GND,
V
out, or the Remote Sense pin. Any capacitance added to
the V
o adjust pin will affect the stability of the ISR.
4. The PT6420 incorporates a Remote Sense (See Figure 1).
If this feature is being used, connecting the resistor R1
between pin 14 (V
o adjust) and pin 1 (Remote Sense) can
benefit load regulation.
5. An increase in the output voltage may place additional
limits on the input voltage range of the part. The revised
minimum input voltage will be (V
out + 1.2) or 4.5V,
whichever is higher. Do not exceed 5.5Vdc.
Table 1
PT6420 ADJUSTMENT RANGE
Series Pt #
PT6428
PT6424
PT6426
PT6427
PT6429
PT6425
Vo (nom)
1.2
1.5
1.8
2.1
2.5
3.3
Va (min)
1.1
1.3
1.5
1.8
2.1
2.8
Va (max)
1.41.8
2.2
2.6
3.1
3.8
Figure 1
R1
Adjust
Up
C1
100
µF
C2
100
µF
Vo
COM
COM
Vin
+
+
(R2)
Adj Down
L
O
A
D
PT6420
11,12,13
14
7,8,9,10
4,5,6
Vin
V o
G N D
Vo(adj)
1
Vsense
The values of R1 [adjust up], and (R2) [adjust down], can
also be calculated using the following formulae.
12.45 Vo
R1
=
(Va – Vo)
– 49.9
k
12.45 (2Va – Vo) – 49.9 k
(R2)
=
Vo – Va
Where:
V
o
= Original output voltage
V
a
= Adjusted output voltage


Similar Part No. - PT6420_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6420_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
logo
STMicroelectronics
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
   Adjustable output voltage
July 2013 Rev 1
logo
Texas Instruments
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
logo
Recom International Pow...
R-611.8X RECOM-R-611.8X Datasheet
91Kb / 4P
   Adjustable Output Voltage
logo
Texas Instruments
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
[Old version datasheet]   Adjustable Output Voltage
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
PT6211P TI-PT6211P Datasheet
497Kb / 8P
[Old version datasheet]   90% Efficiency Adjustable Output Voltage
logo
Rohm
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
   Voltage Detector IC Adjustable Output Delay
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
   Adjustable Output Voltage, Enable/Shutdown Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com