Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLTS174A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS174A
Description  20 A Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS174A Datasheet(HTML) 2 Page - Texas Instruments

  SLTS174A Datasheet HTML 1Page - Texas Instruments SLTS174A Datasheet HTML 2Page - Texas Instruments SLTS174A Datasheet HTML 3Page - Texas Instruments SLTS174A Datasheet HTML 4Page - Texas Instruments SLTS174A Datasheet HTML 5Page - Texas Instruments SLTS174A Datasheet HTML 6Page - Texas Instruments SLTS174A Datasheet HTML 7Page - Texas Instruments SLTS174A Datasheet HTML 8Page - Texas Instruments SLTS174A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT5810 Series
20-A 3.3-V Input Adjustable
Integrated Switching Regulator
Specifications (Unless otherwise stated, Ta =25 °C, Vin =3.3 V, Vout =1.8 V, Cin =1,000 µF, Cout =330 µF, and Io =Iomax)
PT5810 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
0—
20
A
Input Voltage Range
Vin
Over Io range
2.95 (1)
3.65
V
Set-Point Voltage Tolerance
Vo tol
±2
%Vo
Temperature Variation
∆Regtemp
–40°C <Ta < +85 °C
±0.5
%Vo
Line Regulation
∆Regline
Over Vin range
±4
mV
Load Regulation
∆Regload
Over Io range
±2
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
——±3
%Vo
–40°C
≤ Ta ≤ +85 °C
Efficiency
η
Io =12 A
PT5812 (2.5 V)
93
PT5813 (1.8 V)
90
%
PT5814 (1.5 V)
89
PT5815 (1.2 V)
87
PT5816 (1.0 V)
84
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
20
mVpp
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
ttr
Recovery Time
50
µSec
∆Vtr
Vo over/undershoot
120
mV
Over-Current Threshold
ITRIP
Reset, followed by auto-recovery
30
A
Output Voltage Adjust
Vo adj
With Vo Adjust
±15 (2)
%
With Margin Up/Dn
±5
Switching Frequency
ƒs
Over Vin and Io ranges
250
300
350
kHz
Inhibit Control (pin 2)
Referenced to GND (pins 9–13)
Input High Voltage
VIH
Vin –0.5
Open (3)
V
Input Low Voltage
VIL
–0.2
0.6
Input Low Current
IIL
Pin 2 to GND
–0.2
mA
Standby Input Current
Iin standby
Pin 2 to GND
5
mA
External Input Capacitance
Cin
1,000 (4)
——µF
External Output Capacitance
Cout
330
(5)
5,000
µF
Operating Temperature Range
Ta
Over Vin range
–40
(5)
+85 (6)
°C
Over-Temperature Protection
OTP
Measured at center of case, auto-reset
110
°C
Solder Reflow Temperature
Treflow
Surface temprature of module pins or case
215 (7)
°C
Storage Temperature
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
5.8
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Mil-STD-883D, Method 2002.3
500
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Mil-STD-883D, Method 2007.2,
20 (8)
—G’s
20-2000 Hz, PCB mounted
Weight
20
grams
Flammability
Materials meet UL 94V-0
Notes: (1) The minimum input voltage is equal to 2.95 V or Vout + 0.75 V, whichever is greater.
(2) This is a typical value. For the adjustment limits of a specific model consult the related application note on output voltage adjustment.
(3) The Inhibit control (pin 2) has an internal pull-upto Vin, and if left open-circuit the module will operate when input power is applied. A small low-
leakage (<100nA) MOSFET is recommended to control this input. See application notes for more information.
(4) A 1,000 µF electrolytic input capacitor is required for proper operation. This capacitor must be rated for a minimumm of 0.7 Arms of ripple current.
(5) For operation below 0 °C, COUT must have stable characteristics. Use either low-ESR tantalum or Oscon® type capacitors.
(6) See SOA curves or consult factory for the appropriate derating.
(7) During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215 °C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051)
(8) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
SLTS174A - JANUARY 2003 - REVISED APRIL 2003


Similar Part No. - SLTS174A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS170C TI1-SLTS170C Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
SLTS171A TI1-SLTS171A Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
SLTS175 TI1-SLTS175 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
SLTS178B TI1-SLTS178B Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
More results

Similar Description - SLTS174A

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
FT20-100 DATEL-FT20-100_19 Datasheet
97Kb / 1P
   FT series, 20 A Output Current, Filter Module
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ Datasheet
712Kb / 4P
   3, 6, 10 and 20 A output current rating Power
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
logo
WAGO Kontakttechnik Gmb...
2787-2347 WAGO-2787-2347 Datasheet
226Kb / 9P
   Power supply; Pro 2; 3-phase; 24 VDC output voltage; 20 A output current
18.10.2021
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
STMicroelectronics
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
   4 A DC output current
June 2012 Rev 1
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
   3 A DC output current
logo
Texas Instruments
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com