Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3324 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT3324
Description  1500 VDC Isolation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3324 Datasheet(HTML) 1 Page - Texas Instruments

  PT3324 Datasheet HTML 1Page - Texas Instruments PT3324 Datasheet HTML 2Page - Texas Instruments PT3324 Datasheet HTML 3Page - Texas Instruments PT3324 Datasheet HTML 4Page - Texas Instruments PT3324 Datasheet HTML 5Page - Texas Instruments PT3324 Datasheet HTML 6Page - Texas Instruments PT3324 Datasheet HTML 7Page - Texas Instruments PT3324 Datasheet HTML 8Page - Texas Instruments PT3324 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT3340 Series
30-W 24/48-V Input
Isolated DC/DC Converter
Standard Application
Cin
= Optional 100µF/100V electrolytic
Cout = Required 330µF electrolytic (See Notes)
Q
1
= N-Channel MOSFET
R
1/C1 = Optional (see application notes)
PT3340
2
19
7, 8, 9
14-17
4-6
10-12
13
L
O
A
D
C
IN
+
V
O Adjust
+V
IN
Inhibit
+REMOTE SENSE
–REMOTE SENSE
+V
O
–V
O
–V
IN
Q
1
C
OUT
+
18
R
1
C
1
Features
Input Voltage Range:
18V to 60V
1500 VDC Isolation
On/Off Control
Vo Adjust
Differential Remote Sense
Current Limit
Short-Circuit Protection
Over-Temperature Shutdown
Description
The PT3340 series is a single-output
isolated DC/DC converter, housed in a
19-pin aluminum SIP package. These
modules are UL, CSA, and VDE ap-
proved for telecom applications, and
rated at 30W or 8A. The 18V to 60V
input range allows easy integration into
many distributed power applications which
utilize 24V bus architectures.
Standard output voltages range from
1.8V to 15V, and are each adjustable by
up to ±10%. Operating features include
a Remote On/Off control, an under-voltage
lockout (UVLO), and a differential re-
mote sense. Protection features include
an output current limit, short-circuit
protection, and over-temperature shut-
down.
A 330µF output capacitor is required
for proper operation.
Ordering Information
PT3341
H = 3.3V/8A (26.4W)
PT3342
H = 5.0V/6A
PT3343
H = 12.0V/2.5A
PT3344
H = 15.0V/2A
Pin-Out Information
Pin Function
1
Do Not Use
2
Remote On/Off †
3
Do Not Use
4-Vin
5-Vin
6-Vin
7+Vin
8+Vin
9+Vin
10
-Vo
11
-Vo
12
-Vo
13
-Remote Sense
14
+Vo
15
+Vo
16
+Vo
17
+Vo
18
Vo Adjust †
19
+Remote Sense
† For more information,
see application notes.
SLTS019B
(Revised 4/9/2002)
Undervoltage Lockout
Flexible SIP Package
UL1950 Recognized
CSA 22.2 950 Certified
EN60950 Approved
VDE Licensed
5 x106 Hrs MTBF
Meets FCC Class A
Radiated Limits
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EHG)
Horizontal
A
(EHH)
SMD
C
(EHJ)
* Previously known as package styles 840 &
850.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)


Similar Part No. - PT3324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3324 TI-PT3324 Datasheet
1Mb / 5P
[Old version datasheet]   30 WATT ISOLATED DC/DC CONVERTER
PT3324 TI-PT3324 Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3324 TI1-PT3324 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3324N TI1-PT3324N Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT3324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
   1500 Vdc isolation test voltage
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com