Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4842 Datasheet(PDF) 11 Page - Texas Instruments

Part # PT4842
Description  1500VDC Isolation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4842 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT4842 Datasheet HTML 6Page - Texas Instruments PT4842 Datasheet HTML 7Page - Texas Instruments PT4842 Datasheet HTML 8Page - Texas Instruments PT4842 Datasheet HTML 9Page - Texas Instruments PT4842 Datasheet HTML 10Page - Texas Instruments PT4842 Datasheet HTML 11Page - Texas Instruments PT4842 Datasheet HTML 12Page - Texas Instruments PT4842 Datasheet HTML 13Page - Texas Instruments PT4842 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the PT4840
Dual Output Voltage DC/DC Converters
The Vo2 and Vo3 output voltages from the PT4840 se-
ries of DC/DC converters can be independantly adjusted
by up to ±10% from their factory pre-set voltage. The
method of adjustment uses a single external resistor. 1
The value of the resistor determines the magnitude of
adustment, and the placement of the resistor determines
the direction of adjustment (up or down). The resistor
value can be calculated directly from a simple formula.
The constants are given in Table 1. Alternatively, Table 2
provides the resistor values for a select number of output
voltages. The placement of each resistor is as follows.
Vo2 Adjust Up:
To increase the output, add a resistor R1
between pin 17 (Vo2 Adjust) and pin 18 (COM).
Vo2 Adjust Down: Add a resistor (R2), between pin 17
(Vo2 Adjust) and pin 16 (+Vo1).
Vo3 Adjust Up:
Add a resistor R3 between pin 21
(Vo3 Adjust) and pins 20 (COM).
Vo3 Adjust Down: Add a resistor (R4) between pin 21
(Vo3 Adjust) and pin 22 (+Vo3).
Refer to Figure 1 for further information on resistor
placement.
Figure 1
Notes:
1. Use only a single 1% resistor in either the R1 or (R2)
location to adjust Vo2, and in the R3 or (R4) location to
adjust Vo3. Place the resistor as close to the ISR as
possible.
2. Never connect capacitors to either the Vo2 Adjust or
Vo3 Adjust pins. Any capacitance added to these control
pins will affect the stability of the respective regulated
output.
The adjust resistor values may be calculated. Use the
applicable formula and select the appropriate constants
from Table 1 for the output and model being adjusted.
R1 or R3
=
Ro · Vr
– Rs
k
Va – Vo
(R2) or (R4)
=
Ro (Va – Vr )
– Rs
k
Vo – Va
Where: Vo = Original output voltage, (Vo2 or Vo3)
Va = Adjusted output voltage
Vr = The reference voltage from Table 1
Ro = The resistance value in Table 1
Rs = The series resistance from Table 1
PT4840 Series
+V
IN
– V
IN
+Vo
1
+Vo
2
+Vo
3
PT4840
1
2
11
15, 16
22, 23
3
Vo
1
COM
COM
Vo
2
Vo
3
+V
IN
-V
IN
EN 1
Vo
2 ad j
Vo
3 ad j
17
21
C
OUT 1
C
OUT 3
C
OUT 2
C
IN
4
EN 2
( R
4 )
Ad j Down
R
3
Ad j ust Up
( R
2 )
Ad j Down
R
1
Ad j ust Up
12, 13
18 – 20
COM


Similar Part No. - PT4842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4842 TI-PT4842 Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4842A TI-PT4842A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4842C TI-PT4842C Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4842N TI-PT4842N Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
More results

Similar Description - PT4842

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
logo
E&E Magnetic Products L...
834-00002F EEMAGNETIC-834-00002F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
834-00012F EEMAGNETIC-834-00012F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
logo
Wall Industries,Inc.
MSLU WALL-MSLU Datasheet
222Kb / 7P
   1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
logo
MORNSUN Science& Techno...
PV45-29D1508-06 MORNSUN-PV45-29D1508-06 Datasheet
970Kb / 4P
   New energy 150-1500VDC over wide and over high input voltage isolation switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com