Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLTS139 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS139
Description  Output Current Limit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS139 Datasheet(HTML) 2 Page - Texas Instruments

  SLTS139 Datasheet HTML 1Page - Texas Instruments SLTS139 Datasheet HTML 2Page - Texas Instruments SLTS139 Datasheet HTML 3Page - Texas Instruments SLTS139 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT5071—12V
1.5 Amp, 12V Step-Up/Step-Down
Integrated Switching Regulator
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Safe Operating Area Curves (See Note B)
PT5071, Vin =7V
PT5071, Vin =12V
PT5071, Vin =16V
0
50
100
150
200
250
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
7.0V
12.0V
16.0V
VIN
50
60
70
80
90
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
7.0V
12.0V
16.0V
VIN
0
1
2
3
4
5
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
16.0V
12.0V
7.0V
VIN
PT5071 Performance, V
o
=12V (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current


Similar Part No. - SLTS139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS133B TI1-SLTS133B Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
SLTS133B TI1-SLTS133B Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
SLTS135A TI1-SLTS135A Datasheet
430Kb / 8P
[Old version datasheet]   60 Amp High-Performance
More results

Similar Description - SLTS139

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
STMicroelectronics
LNBH23L STMICROELECTRONICS-LNBH23L Datasheet
504Kb / 25P
   Selectable output current limit by external resistor
November 2010 Rev 4
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
SynQor Worldwide Headqu...
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
logo
STMicroelectronics
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
logo
SynQor Worldwide Headqu...
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com