Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78NR115V Datasheet(PDF) 3 Page - Texas Instruments

Part # PT78NR115V
Description  Negative output from positive input
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT78NR115V Datasheet(HTML) 3 Page - Texas Instruments

  PT78NR115V Datasheet HTML 1Page - Texas Instruments PT78NR115V Datasheet HTML 2Page - Texas Instruments PT78NR115V Datasheet HTML 3Page - Texas Instruments PT78NR115V Datasheet HTML 4Page - Texas Instruments PT78NR115V Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Mar-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PT78NR103H
OBSOLETE SIP MODULE
EFA
3
TBD
Call TI
Call TI
-40 to 85
PT78NR103V
OBSOLETE SIP MODULE
EFD
3
TBD
Call TI
Call TI
-40 to 85
PT78NR106V
OBSOLETE SIP MODULE
EFD
3
TBD
Call TI
Call TI
PT78NR108ST
OBSOLETE SIP MODULE
EFC
3
TBD
Call TI
Call TI
PT78NR108V
OBSOLETE SIP MODULE
EFD
3
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - PT78NR115V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR115V TI-PT78NR115V Datasheet
178Kb / 6P
[Old version datasheet]   1 Amp Plus to Minus Voltage Integrated Switching Regulator
More results

Similar Description - PT78NR115V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
PT5022A TI-PT5022A Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
logo
MORNSUN Science& Techno...
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
   SINGLE POSITIVE /NEGATIVE OUTPUT
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
   SINGLE POSITIVE/NEGATIVE OUTPUT
logo
GAPTEC Electronic GmbH ...
LME78 GAPTEC-LME78 Datasheet
2Mb / 4P
   Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-1.0 GAPTEC-LMO78-1.0 Datasheet
1Mb / 4P
   Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-3.0 GAPTEC-LMO78-3.0 Datasheet
717Kb / 3P
   Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78-1.5 GAPTEC-LMP78-1.5 Datasheet
423Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
   Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com