Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4221 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT4221
Description  10W Output Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4221 Datasheet(HTML) 5 Page - Texas Instruments

  PT4221 Datasheet HTML 1Page - Texas Instruments PT4221 Datasheet HTML 2Page - Texas Instruments PT4221 Datasheet HTML 3Page - Texas Instruments PT4221 Datasheet HTML 4Page - Texas Instruments PT4221 Datasheet HTML 5Page - Texas Instruments PT4221 Datasheet HTML 6Page - Texas Instruments PT4221 Datasheet HTML 7Page - Texas Instruments PT4221 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the 10W-Rated
Excalibur™ Series of Isolated DC/DC Converters
The factory pre-set output voltage of Power Trends’ 10W
Excalibur series of isolated DC-DC converters may be
adjusted over a narrow range. This is accomplished with
the addition of a single external resistor. For the input
voltage range specified in the data sheet, Table 1 gives the
allowable adjustment range for each model as Vo (min)
and Vo (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor, R2 between pin 10 (Vo adjust), and
pins 6 & 7 (–Vout).
Adjust Down:
Add a resistor (R1), between pin 10 (Vo adjust)
and pins 8 & 9 (+Vout).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, (R1) or R2.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas.
(R
1)
=
56.2 (V
a – 1.225)
– R
s
k
V
o – Va
Table 1
DC/DC CONVERTER ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
24V Bus
PT4247
PT4246
PT4241
PT4245
PT4242
PT4243
PT4244
48V Bus
PT4227
PT4226
PT4221
PT4225
PT4222
PT4223
PT4224
Rated Current 3
3A
3A
3A
3A
3A
2A
0.85A
Vo(nom)
1.3V
1.5V
1.8V
2.5V
3.3V
5.0V
12.0V
Vo(min)
1.2V
1.45V
1.7V
2.25V
2.95V
4.5V
10.8V
Vo(max)
1.4V
1.65V
1.98V
2.75V
3.65V
5.5V
13.2V
Rs (k
Ω)
340.0
243.0
243.0
187.0
187.0
110.0
49.9
Figure 1
PT4220/4240
+ V out
-V out
+V in
-V in
Remote
On/Off
V
o(adj)
1
3
5
8, 9
6, 7
10
L
O
A
D
+V
in
-V
in
+V
O
–V
O
(R1)
Adj Down
R2
Adjust Up
R
2
=
68.845
– R
s
k
V
a – Vo
Where,
V
o
= Original output voltage
V
a
= Adjusted output voltage
R
s
= Internal resistance (Table 1)
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors to Vo adjust. Any capacitance
added to the Vo adjust control pin will affect the stability of
the ISR.
3. The output power is limited to 10W. If the output
voltage is increased, the maximum load current must be
derated according to the following equation.
I
o(max)
= 10
V
a
In any instance, the load current must not exceed the
converter’s rated current (See Table 1).
PT4220/4240 Series
Not Recommended For New Designs


Similar Part No. - PT4221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4221A TI-PT4221A Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT4221C TI-PT4221C Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT4221N TI-PT4221N Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
More results

Similar Description - PT4221

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-10SV MPD-MPM-10SV Datasheet
825Kb / 4P
   10W Output Power
logo
Mean Well Enterprises C...
PM-10 MEANWELL-PM-10 Datasheet
246Kb / 2P
   10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_10 Datasheet
249Kb / 2P
   10W Output Switching Power Supply
IRM-10 MEANWELL-IRM-10 Datasheet
161Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10 Datasheet
260Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_09 Datasheet
262Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_12 Datasheet
277Kb / 2P
   10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_12 Datasheet
263Kb / 2P
   10W Output Switching Power Supply
logo
SL Power Electronics
ME10 SLPOWER-ME10_16 Datasheet
599Kb / 4P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10_16 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com