Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3891ET-1.8 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3891ET-1.8
Description  0.8A Fast-Response Ultra Low Dropout Linear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3891ET-1.8 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3891ET-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3891ET-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3891
0.8A Fast-Response Ultra Low Dropout Linear
Regulators
General Description
The LP3891 is a high current, fast response regulator which
can maintain output voltage regulation with minimum input to
output voltage drop. Fabricated on a CMOS process, the
device operates from two input voltages: Vbias provides
voltage to drive the gate of the N-MOS power transistor,
while Vin is the input voltage which supplies power to the
load. The use of an external bias rail allows the part to
operate from ultra low Vin voltages. Unlike bipolar regula-
tors, the CMOS architectutre consumes extremely low qui-
escent current at any output load current. The use of an
N-MOS power transistor results in wide bandwidth, yet mini-
mum external capacitance is required to maintain loop sta-
bility.
The fast transient response of these devices makes them
suitable for use in powering DSP, Microcontroller Core volt-
ages and Switch Mode Power Supply post regulators. The
parts are available in TO-220 and TO-263 packages.
Dropout Voltage: 100 mV (typ) @ 0.8A load current.
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature accu-
racy.
Features
n
Ultra low dropout voltage (100mV @ 0.8A typ)
n
Low ground pin current
n
Load regulation of 0.04%/A
n
60 nA typical quiescent current in shutdown
n
1.5% output accuracy (25˚C)
n
TO-220, TO-263 packages
n
Over temperature/over current protection
n
−40˚C to +125˚C junction temperature range
Applications
n
DSP Power Supplies
n
Server Core and I/O Supplies
n
PC Add-in-Cards
n
Local Regulators in Set-Top Boxes
n
Microcontroller Power Supplies
n
High Efficiency Power Supplies
n
SMPS Post-Regulators
Typical Application Circuit
20069501
At least 10 µF of input and output capacitance is required for stability.
*Tantalum capacitors are recommended. Aluminum electrolytic capacitors may be used for restricted temperature range. See application hints.
Connection Diagrams
20069502
TO-220, Top View
20069503
TO-263, Top View
September 2003
© 2003 National Semiconductor Corporation
DS200695
www.national.com


Similar Part No. - LP3891ET-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3891EMR-1.2 TI1-LP3891EMR-1.2 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.2 TI1-LP3891EMR-1.2 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.2/NOPB TI1-LP3891EMR-1.2/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.8 TI1-LP3891EMR-1.8 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.8/NOPB TI1-LP3891EMR-1.8/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3891ET-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3882 NSC-LP3882 Datasheet
326Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com