Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP04 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CP04
Description  4x4 Low Power 2.5 Gb/s LVDS Digital Cross-Point
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CP04 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS90CP04 Datasheet HTML 7Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 8Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 9Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 10Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 11Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 12Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 13Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 14Page - National Semiconductor (TI) DS90CP04 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
www.national.com/JPN/
電気的特性 ( つづき)
Note 6:
LVCMOS 入力と出力の AC 仕様は、Figure 4 に示される電力スプリッタではなく、入力減衰ネットワークを使用しても検証および検査が可能です。
FIGURE 5. LVDS Signals
FIGURE 6. LVDS Output Transition Time
FIGURE 7. LVDS Output Propagation Delay


Similar Part No. - DS90CP04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04 Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04TLQ TI1-DS90CP04TLQ Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04TLQ TI1-DS90CP04TLQ Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results

Similar Description - DS90CP04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U_10 Datasheet
571Kb / 14P
   Precision Low Jitter 4x4 LVDS Crosspoint
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
logo
Renesas Technology Corp
8V54816A RENESAS-8V54816A Datasheet
1Mb / 27P
   16-Port, Bi-directional M-LVDS Clock Cross-Point Switch
October 27, 2020
logo
Mitsubishi Electric Sem...
M5172L MITSUBISHI-M5172L Datasheet
352Kb / 2P
   ZERO-CROSS POINT SWITCH
logo
ANADIGICS, Inc
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
logo
JDS Uniphase Corporatio...
RXAMDC5108101-003 JDSU-RXAMDC5108101-003 Datasheet
146Kb / 3P
   2.5 Gb/s Front-Illuminated APD Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com