Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3341A Datasheet(PDF) 2 Page - Texas Instruments

Part # PT3341A
Description  1500 VDC Isolation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3341A Datasheet(HTML) 2 Page - Texas Instruments

  PT3341A Datasheet HTML 1Page - Texas Instruments PT3341A Datasheet HTML 2Page - Texas Instruments PT3341A Datasheet HTML 3Page - Texas Instruments PT3341A Datasheet HTML 4Page - Texas Instruments PT3341A Datasheet HTML 5Page - Texas Instruments PT3341A Datasheet HTML 6Page - Texas Instruments PT3341A Datasheet HTML 7Page - Texas Instruments PT3341A Datasheet HTML 8Page - Texas Instruments PT3341A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT3340 Series
30-W 24/48-V Input
Isolated DC/DC Converter
Specifications (Unless otherwise stated, Ta =25°C, Vin =24V, Cout =330µF, and Io =Iomax)
PT3340 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 15V
0.1
(1)
2.0
Vo = 12V
0.1
(1)
2.5
A
Vo =5.0V
0.25 (1)
6.0
Vo ≤ 3.3V
0.25 (1)
8.0
Input Voltage Range
Vin
Over Io Range
18.0
24.0
60.0
V
Set Point Voltage Tolerance
Vo tol
Vo≥5.0V
±1
±1.5
%Vo
Vo≤3.3V
±33
±50
mV
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C
±0.5
%Vo
Line Regulation
Regline
Over Vin range
Vo≥5.0V
±0.2
±1.0
%Vo
Vo≤3.3V
±7
±33
mV
Load Regulation
Regload
Over Io range
Vo
≥5.0V
±0.4
±1.0
%Vo
Vo≤3.3V
±13
±33
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
Vo≥5.0V
±2
%Vo
–40°
≤Ta ≤ +85°C
Vo≤3.3V
±67
mV
Efficiency
η
Vo = 15V
85
Vo = 12V
86
%
Vo =5.0V
83
Vo =3.3V
80
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo ≥ 5.0V
1.0
2.0
%Vo
Vo ≤ 3.3V
50
75
mVpp
Transient Response
ttr
0.1A/µs load step, 50% to 100% Iomax
100
200
µs
∆Vtr
Vo over/undershoot
Vo ≥ 5.0V
±3.0
±5.0
%Vo
Vo ≤ 3.3V
±100
±150
mV
Short Circuit Current
Isc
2xIomax
A
Switching Frequency
ƒs
Over Vin range
Vo>10V
450
500
550
kHz
Vo <10V
700
750
800
Under-Voltage Lockout
UVLO
Vin increasing
17
V
Vin decreasing
16
Remote On/Off Input (pin 2)
Referenced to –Vin (pins 4–6)
Input High Voltage
VIH
2.5
15 (2)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
–3
–6
–10
µA
Standby Input Current
Iin standby
pins 2 & 4 connected
8
16
mA
Internal Input Capacitance
Cin
0.66
µF
External Output Capacitance
Cout
Between +Vo and –Vo
Vo ≥ 9V
260
330
600
(3)
µF
Vo ≤ 5V
260
330
1,000 (3)
Isolation Voltage
Input-output/input-case
1500
Vdc
Capacitance
Input-output
1200
pF
Resistance
Input-output
10
M
Operating Temperature Range
Ta
Over Vin range
-40 (4)
+85 (5)
°C
Maximum Case Temperature
Tc
100
°C
Storage Temperature Range
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
5.0
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Per Mil-Std-883D, method 2007.2,
10
G’s
20-2000Hz, soldered to board
Weight
43
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The DC/DC converter will operate at no load with reduced specifications.
(2) The Remote On/Off input has an internal pull-up. If it is left open circuit the module will operate when input power is applied. A low-leakage
(<100nA) MOSFET is recommended to control this input. The open-circuit voltage is less than 10V. See application notes for interface considerations.
(3) Output capacitor values are absolute. Allowances must be made for any additional de-coupling capacitors and the total external capacitor tolerance.
The value of external capacitance is limited due to regulator startup current requirements. Consult the factory for further details.
(4) For operation below 0°C, the required external output capacitor must have temperature stable characteristics. E.g. Tantalum or Oscon® types.
(5) See Safe Operating Area curves or contact the factory for the appropriate thermal derating.


Similar Part No. - PT3341A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3341 TI-PT3341 Datasheet
1Mb / 5P
[Old version datasheet]   30 WATT ISOLATED DC/DC CONVERTER
PT3341 TI1-PT3341 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT3341A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
   1500 Vdc isolation test voltage
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com